Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA2431AP Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KIA2431AP
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (PROGRAMMABLE PRECISION REFERENCES)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA2431AP Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KIA2431AP Datasheet HTML 1Page - KEC(Korea Electronics) KIA2431AP Datasheet HTML 2Page - KEC(Korea Electronics) KIA2431AP Datasheet HTML 3Page - KEC(Korea Electronics) KIA2431AP Datasheet HTML 4Page - KEC(Korea Electronics) KIA2431AP Datasheet HTML 5Page - KEC(Korea Electronics) KIA2431AP Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2011. 7. 6
2/6
KIA2431P/S/T/M/AP/AS/AT/AM/BM
Revision No : 6
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
MAXIMUM RATINGS (Ta=25
℃)
(Full operating ambient temperature range applies unless otherwise noted.)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Cathode To Anode Voltage
VKA
16
V
Cathode Current Range, Continuous
IK
50
mA
Reference Input Current Range, Continuos
Iref
3
mA
Operating Junction Temperature
Tj
150
Operating Temperature
Topr
-40
~85
Storage Temperature
Tstg
-65
~150
Total Power Dissipation
KIA2431P/AP
PD
700
mW
KIA2431S/AS (Note1)
900
KIA2431T/AT
550
KIA2431AM/BM (Note2)
350
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference
Input Voltage
KIA2431P/S/T/M
Vref
Figure 1
VKA=Vref , IK=10mA
1.222
1.240
1.258
V
KIA2431AP/AS/AT/AM
1.228
1.240
1.252
V
KIA2431BM
1.234
1.240
1.246
V
Reference Input Voltage
Deviation Over Temperature Range
ΔVref
Figure 1
(Note 1)
VKA=Vref , IK=10mA
-
7.0
20
mV
Ratio of Change in Reference Input Voltage
to Change in Cathode to Anode Voltage
ΔVref /
ΔVKA
Figure 2
IK=10mA
ΔVKA=
16V
~Vref
-
-0.6
-1.5
mV/V
Reference Input Current
Ta=25
Iref
Figure 2
IK=10mA, R1=10kΩ, R2=∞
-
0.15
0.5
μA
Reference Input Current
Deviation Over Temperature Range
ΔIref
Figure 2
IK=10mA, R1=10kΩ, R2=∞
-
0.05
0.3
μA
Minimum Cathode Current For Regulation
Imin
Figure 1
VKA=Vref
-
55
80
μA
Off-State Cathode Current
Ioff
Figure 3
VKA=16V, Vref=0V
-
2.6
1000
nA
Dynamic Impedance
Zka
Figure 1
(Note 2)
VKA=Vref, IK=0.08mA~50mA,
f
≦1.0kHz
-
0.22
0.4
Note1) Package Mounted on 99.5% Alumina (10
㎜×8㎜×0.6㎜)
Note2) Package Mounted on a ceramic board (600
㎟×0.8㎜)


Numéro de pièce similaire - KIA2431AP

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA2431AP KEC-KIA2431AP Datasheet
1Mb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Description similaire - KIA2431AP

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA431 KEC-KIA431 Datasheet
133Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (PROGRAMMABLE PRECISION REFERENCES)
logo
Unisonic Technologies
UTCTL431A UTC-UTCTL431A Datasheet
158Kb / 5P
   LINEAR INTEGRATED CIRCUIT PROGRAMMABLE PRECISION REFERENCE
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com