Moteur de recherche de fiches techniques de composants électroniques |
|
N030100 Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
N030100 Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved |
1 / 2 page RJ45 Plugs for Round Solid / Stranded Conductor 4-pair Cat5e Cable, 100-Pack MODEL NUMBER: N030-100 Description 100-Pack RJ45 Modular plug for use on Solid Conductor Cat5e cable, N022-01K-GY, or, Tripp Lite Zero-Skew cable, P524-01K ( Can be used for Stranded wire as well ). Contacts are 50 micron Gold for optimum signal transmission. For stranded conductor Cat5e RJ45s, see Tripp Lite N031-050. Features For use with Cat5e Solid ( or Stranded ) Conductor Round 4-pair cable Works with most RJ45 Crimp Tools ( excluding AMP ) 50 Micron Gold Contacts Specifications OVERVIEW Cable Type Cat5 CONNECTIONS Connector A RJ45 (MALE) Connector B RJ45 (MALE) SPECIAL FEATURES Chromebook Compatible No WARRANTY Highlights RJ45 Plug for Solid Conductor 4-pair Round Cat5e cable 50 Micron Gold Contacts Can be used for Solid or Stranded Conductor Wire Package Includes 100pc RJ45 Solid Conductor Round Opening RJ45 Plugs 1 / 2 |
Numéro de pièce similaire - N030100 |
|
Description similaire - N030100 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |