Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES3A Fiches technique(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

No de pièce ES3A
Description  3 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ES3A Fiches technique(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  ES3A Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. ES3A Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half-wave, 60 Hz, resistive or
inductive load, for capacitive load derate current by 20%.
Parameter
Symbols ES3A ES3B ES3C ES3D ES3F ES3G ES3J ES3K ES3M Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
800
1000
V
Maximum Average Forward Current
IF(AV)
3
A
Peak Peak Forward Surge Current, 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load (JEDEC
Method)
IFSM
100
A
Maximum Forward Voltage at IF = 3 A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current
TA = 25 OC
at Rated DC Blocking Voltage
TA = 100 OC
IR
10
500
µA
Maximum Reverse Recovery Time
1)
trr
35
ns
Typical Junction Capacitance
2)
CJ
50
40
pF
Junction Temperature Range
Tj
- 55 to + 150
O
C
Storage temperature range
Ts
- 55 to + 150
O
C
1) Reverse recovery test conditions: IF = 0.5 A, IR = 1 A, Irr = 0.25 A
2) Measured at 1 MHz and applied reverse voltage of 4 V D.C.
Case:SMC/DO-214AB Package
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode band
Mounting Position: Any
Weight:
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURE
MECHANICAL DATA
Glass passivated chip junction
®
ES3A thru ES3M
Pb Free Plating Product
ES3A thru ES3M
3 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
Pb
0.22 gram approximately
APPLICATION
LED SMPS/Industrial power supply
HID ballast stabilizer
Telecommunication SMPS/LED street lamp
0.260 (6.60)
0.280 (7.11)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.2)
0.305 (7.75)
0.320 (8.13)
0.220 (5.59)
0.246 (6.22)
0.079 (2.06)
0.103 (2.62)
0.114 (2.90)
0.126 (3.20)
Cathode Band
OUTLINE
Unit:inch(millimeter)
0.002(0.05)
SMC/DO-214AB
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.05


Numéro de pièce similaire - ES3A

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
DAESAN ELECTRONIC CORP.
ES3A DAESAN-ES3A Datasheet
576Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
ES3A MAKOSEMI-ES3A Datasheet
379Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
ES3A VISHAY-ES3A Datasheet
102Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
logo
Diotec Semiconductor
ES3A DIOTEC-ES3A Datasheet
143Kb / 2P
   Superfast Efficient SMD Rectifier Diodes
More results

Description similaire - ES3A

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
ES5A THINKISEMI-ES5A Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5A THINKISEMI-ES5A Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5DB THINKISEMI-ES5DB Datasheet
450Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
HFA04SD20S THINKISEMI-HFA04SD20S Datasheet
697Kb / 2P
   4.0 Ampere Surface Mount Type Ultra Fast Recovery Rectifier Diodes
logo
RFE international
UG2A RFE-UG2A Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG2AA RFE-UG2AA Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
U1AF RFE-U1AF Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG3AB RFE-UG3AB Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
logo
Thinki Semiconductor Co...
FR10A THINKISEMI-FR10A Datasheet
566Kb / 2P
   10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
FS10A THINKISEMI-FS10A Datasheet
621Kb / 2P
   10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com