Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3339 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce AN3339
Description  185 W power supply with PFC and standby supply for LED TV
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 22Page - STMicroelectronics AN3339 Datasheet HTML 23Page - STMicroelectronics AN3339 Datasheet HTML 24Page - STMicroelectronics AN3339 Datasheet HTML 25Page - STMicroelectronics AN3339 Datasheet HTML 26Page - STMicroelectronics AN3339 Datasheet HTML 27Page - STMicroelectronics AN3339 Datasheet HTML 28Page - STMicroelectronics AN3339 Datasheet HTML 29Page - STMicroelectronics AN3339 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Thermal map
AN3339
26/44
Doc ID 18449 Rev 2
5
Thermal map
In order to check the design reliability, a thermal mapping by means of an IR camera was
done. In Figure 49 and 50 the thermal measurements of the board component side at
nominal input voltage are shown. Some pointers, visible in the images, have been placed
across key components. The ambient temperature during both measurements was 25 °C.
Figure 49.
Thermal map at 115 Vac - 60 Hz, full load
Figure 50.
Thermal map at 230 Vac - 50 Hz, full load


Numéro de pièce similaire - AN3339

FabricantNo de pièceFiches techniqueDescription
logo
STANLEY ELECTRIC CO.,LT...
AN333 STANLEY-AN333 Datasheet
246Kb / 4P
   THROUGH-HOLE SHAPE - INFRARED LED
logo
STMicroelectronics
AN3332 STMICROELECTRONICS-AN3332 Datasheet
96Kb / 7P
   Generating PWM signals using STM8S-DISCOVERY
logo
Panasonic Semiconductor
AN3336 PANASONIC-AN3336 Datasheet
56Kb / 5P
   4-Head VCR Recording/Playback Amplifier IC
AN3336SB PANASONIC-AN3336SB Datasheet
56Kb / 5P
   4-Head VCR Recording/Playback Amplifier IC
logo
STMicroelectronics
AN3338 STMICROELECTRONICS-AN3338 Datasheet
2Mb / 72P
   In recent years the variable speed motor control market has required high performance
More results

Description similaire - AN3339

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
logo
Coilcraft lnc.
HA3858 COILCRAFT-HA3858_16 Datasheet
390Kb / 2P
   Magnetics for 300 W Power Supply with PFC
logo
Mean Well Enterprises C...
GSV60 MEANWELL-GSV60 Datasheet
400Kb / 7P
   60W With PFC LED Power Supply
GSV30 MEANWELL-GSV30 Datasheet
403Kb / 7P
   30W With PFC LED Power Supply
logo
Power Integrations, Inc...
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
   21 W Standby Power Supply using TNY280P
logo
Texas Instruments
UCC28810EVM-002 TI1-UCC28810EVM-002 Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
NXP Semiconductors
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
Toshiba Semiconductor
TA1307P TOSHIBA-TA1307P Datasheet
124Kb / 12P
   Integrated Circuit For Standby Power-Supply Control
logo
CINCON ELECTRONICS Corp...
CFM150S CINCON-CFM150S Datasheet
504Kb / 2P
   AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com