Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA24-700B Fiches technique(PDF) 3 Page - Kersemi Electronic Co., Ltd.

No de pièce BTA24-700B
Description  Snuberrless and Standard 25 A Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA24-700B Fiches technique(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  BTA24-700B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BTA24-700B Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
j = 25° C, unless otherwise specified),
Symbol
Test Conditions
Quadrant
Value
Unit
IGT
(1)
VD = 12 V
RL = 33 Ω
I - II - III - IV
MAX.
50
100
mA
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 125° C
ALL
MIN.
0.2
V
IH
(2))I
T = 500 mA
MAX.
80
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
70
mA
II
160
dV/dt(2)
VD = 67 %VDRM gate open
Tj = 125° C
MIN.
500
V/µs
(dV/dt)c (2)
(dI/dt)c = 13.3 A/ms
Tj = 125° C
MIN.
10
V/µs
1.
minimum IGT is guaranted at 5% of IGT max.
2.
for both polarities of A2 referenced to A1.
Table 4.
Static characteristics
Symbol
Test Conditions
Value
Unit
VT
(1)
ITM = 35 A
tp = 380 µs
Tj = 25° C
MAX.
1.55
V
Vt0
(1)
Threshold voltage
Tj = 125° C
MAX.
0.85
V
Rd
(1)
Dynamic resistance
Tj = 125° C
MAX.
16
m
IDRM
IRRM
VDRM = VRRM
Tj = 25° C
MAX.
5µA
Tj = 125° C
3
mA
1.
for both polarities of A2 referenced to A1.
Table 5.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
D2PAK / TO-220AB
0.8
° C/W
RD91 (Insulated) / TOP3 Insulated
1.1
TO-220AB Insulated
1.7
Rth(j-a)
Junction to ambient
(1)S = 1 cm²
D2PAK
45
° C/W
TOP3 Insulated
50
TO-220AB / TO-220AB Insulated
60
1.
S = Copper surface under tab.
BTA24, BTB24, BTA25, BTA26
and T25 series
Table 3.
Electrical characteristics (T
Standard (4 quadrants), BTB24...B, BTA25...B, BTA26...B
2014-6-16
www.kersemi.com
3


Numéro de pièce similaire - BTA24-700B

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
BTA24-700BW KERSEMI-BTA24-700BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results

Description similaire - BTA24-700B

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800B KERSEMI-BTA26-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTB24-800CW KERSEMI-BTB24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-800B KERSEMI-BTA25-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800BW KERSEMI-BTA26-800BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-700B KERSEMI-BTA26-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com