Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD400N08MBV Fiches technique(PDF) 7 Page - International Rectifier

No de pièce SD400N08MBV
Description  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SD400N08MBV Fiches technique(HTML) 7 Page - International Rectifier

  SD400N08MBV Datasheet HTML 1Page - International Rectifier SD400N08MBV Datasheet HTML 2Page - International Rectifier SD400N08MBV Datasheet HTML 3Page - International Rectifier SD400N08MBV Datasheet HTML 4Page - International Rectifier SD400N08MBV Datasheet HTML 5Page - International Rectifier SD400N08MBV Datasheet HTML 6Page - International Rectifier SD400N08MBV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SD400N/R Series
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC
Characteristic
2000
3000
4000
5000
6000
7000
8000
1
10
100
Number Of Equal Amp litude Half Cycle Current Pulses(N)
SD400N/ RSeries
Initial T = 190°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
1000
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Dura tion.
Maximum Non Repetitive Surge Current
Initial T = 190°C
No Voltage Reapplied
Ra ted V
Reapplied
RRM
J
SD400N/ RSeries
100
1000
10000
0.51
1.52
2.5
T = 25°C
J
Instantaneous Forward Voltage (V)
SD400N/RSeries
T = 190°C
J
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
SD400N/RSeries
Steady State Value:
R
= 0.11 K/W
(DC Operation)
thJC
To Order
Next Data Sheet
Index
Previous Datasheet


Numéro de pièce similaire - SD400N08MBV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD400N/R16 VISHAY-SD400N/R16 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD400N/R20 VISHAY-SD400N/R20 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD400N/R24 VISHAY-SD400N/R24 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
More results

Description similaire - SD400N08MBV

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com