Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD253N12S15PSV Fiches technique(PDF) 1 Page - International Rectifier

No de pièce SD253N12S15PSV
Description  FAST RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SD253N12S15PSV Fiches technique(HTML) 1 Page - International Rectifier

  SD253N12S15PSV Datasheet HTML 1Page - International Rectifier SD253N12S15PSV Datasheet HTML 2Page - International Rectifier SD253N12S15PSV Datasheet HTML 3Page - International Rectifier SD253N12S15PSV Datasheet HTML 4Page - International Rectifier SD253N12S15PSV Datasheet HTML 5Page - International Rectifier SD253N12S15PSV Datasheet HTML 6Page - International Rectifier SD253N12S15PSV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
250A
FAST RECOVERY DIODES
Stud Version
SD253N/R SERIES
1
Bulletin I2065 rev. A 09/94
www.irf.com
Features
High power FAST recovery diode series
1.5 to 2.0 µs recovery time
High voltage ratings up to 1600V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Compression bonded encapsulation
Stud version JEDEC DO-205AB (DO-9)
Maximum junction temperature 125°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
I
F(AV)
250
A
@ T
C
85
°C
I
F(RMS)
392
A
I
FSM
@ 50Hz
5350
A
@ 60Hz
5600
A
I2t@ 50Hz
143
KA2s
@ 60Hz
130
KA2s
V
RRM
range
400 to 1600
V
t
rr
range
1.5 to 2.0
µs
@ T
J
25
°C
T
J
- 40 to 125
°C
Parameters
SD253N/R
Units
Major Ratings and Characteristics
case style
DO-205AB (DO-9)


Numéro de pièce similaire - SD253N12S15PSV

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
List of Unclassifed Man...
SD25-100 ETC1-SD25-100 Datasheet
395Kb / 8P
   High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD25-100-R COOPER-SD25-100-R Datasheet
372Kb / 4P
   Switching Regulators
SD25-100-R COOPER-SD25-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD25-100-R COOPER-SD25-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
More results

Description similaire - SD253N12S15PSV

FabricantNo de pièceFiches techniqueDescription
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD203N IRF-SD203N Datasheet
122Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com