Moteur de recherche de fiches techniques de composants électroniques |
|
SD203R16S15PC Fiches technique(PDF) 2 Page - International Rectifier |
|
SD203R16S15PC Fiches technique(HTML) 2 Page - International Rectifier |
2 / 9 page SD203N/R Series 2 www.irf.com Bulletin I2064 rev. A 09/94 ELECTRICAL SPECIFICATIONS Voltage Ratings Voltage V RRM max. repetitive V RSM , maximum non- I RRM max. Type number Code peak and off-state voltage repetitive peak voltage T J = 125°C VV mA 04 400 500 SD203N/R..S10 08 800 900 10 1000 1100 12 1200 1300 SD203N/R..S15 14 1400 1500 16 1600 1700 20 2000 2100 25 2500 2600 SD203N/R..S20 I F(AV) Max. average forward current 200 A 180° conduction, half sine wave. @ Case temperature 85 °C I F(RMS) Max. RMS current 314 A DC @ 76°C case temperature I FSM Max. peak, one-cycle 4990 t = 10ms No voltage non-repetitive forward current 5230 t = 8.3ms reapplied 4200 t = 10ms 100% V RRM 4400 t = 8.3ms reapplied Sinusoidal half wave, I2t Maximum I2t for fusing 125 t = 10ms No voltage Initial T J = T J max. 114 t = 8.3ms reapplied 88 t = 10ms 100% V RRM 81 t = 8.3ms reapplied I2 √t Maximum I2 √t for fusing 1250 KA2 √s t = 0.1 to 10ms, no voltage reapplied V F(TO)1 Low level of threshold voltage 1.00 (16.7% x π x I F(AV) < I < π x I F(AV) ), T J = T J max. V F(TO) 2 High level of threshold voltage 1.47 (I > π x I F(AV) ), T J = T J max. r f1 Low level of forward slope resistance 1.10 (16.7% x π x I F(AV) < I < π x IF(AV)), TJ = TJ max. r f2 High level of forward slope resistance 0.46 (I > π x I F(AV) ), T J = T J max. V FM Max. forward voltage 1.65 V Ipk= 628A, T J = 25°C, tp = 400 µs square pulse Parameter SD203N/R Units Conditions Forward Conduction KA 2s A m Ω V Test conditions Max. values @ T J = 125 °C Recovery Characteristics typical t rr I pk di/dt V r t rr Q rr I rr @ 25% I RRM Square Pulse @ 25% I RRM T J = 25 oC S10 1.0 2.4 52 33 S15 1.5 2.9 90 44 S20 2.0 3.2 107 46 750 25 - 30 Code ( µs) (A) (A/ µs) (V) ( µs) ( µC) (A) 35 |
Numéro de pièce similaire - SD203R16S15PC |
|
Description similaire - SD203R16S15PC |