Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF3205 Fiches technique(PDF) 5 Page - Thinki Semiconductor Co., Ltd.

No de pièce IRF3205
Description  N-Channel Trench Process Power MOSFET Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

IRF3205 Fiches technique(HTML) 5 Page - Thinki Semiconductor Co., Ltd.

  IRF3205 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. IRF3205 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. IRF3205 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. IRF3205 Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. IRF3205 Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Figure7. Capacitance vs Vds
Figure8. Safe Operation Area
VDS Drain-Source Voltage (V)
Figure9. BVDSS vs Junction Temperature
Figure10. VGS(th) vs Junction Temperature
TJ-Junction Temperature(℃)
TJ-Junction Temperature(℃)
Figure11. Normalized Maximum Transient Thermal Impedance
0
5
10
15
20
25
1000
2000
3000
4000
5000
6000
7000
Ciss
Coss
Crss
VDS Drain-Source Voltage (V)
0
®
IRF3205
© 2013 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 5/5
Rev.05


Numéro de pièce similaire - IRF3205

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205 IRF-IRF3205 Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
logo
Kersemi Electronic Co.,...
IRF3205 KERSEMI-IRF3205 Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
logo
Nell Semiconductor Co.,...
IRF3205 NELLSEMI-IRF3205 Datasheet
622Kb / 7P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
IRF3205 ISC-IRF3205 Datasheet
139Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Description similaire - IRF3205

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
DK64N90 THINKISEMI-DK64N90 Datasheet
909Kb / 5P
   N-Channel Trench Process Power MOSFET Transistors
DK48N80 THINKISEMI-DK48N80 Datasheet
437Kb / 2P
   N-Channel Trench Process Power MOSFET Transistors
DK48N88 THINKISEMI-DK48N88 Datasheet
409Kb / 2P
   N-Channel Trench Process Power MOSFET Transistors
DK48N18 THINKISEMI-DK48N18 Datasheet
1Mb / 5P
   70V,158A N-Channel Trench Process Power MOSFET
CS48N88 THINKISEMI-CS48N88 Datasheet
763Kb / 5P
   70V,92A N-Channel Trench Process Power MOSFET
CS48N18 THINKISEMI-CS48N18 Datasheet
789Kb / 5P
   70V,158A N-Channel Trench Process Power MOSFET
CS48N78 THINKISEMI-CS48N78 Datasheet
759Kb / 5P
   70V,80A N-Channel Trench Process Power MOSFET
CS48N80 THINKISEMI-CS48N80 Datasheet
756Kb / 5P
   70V,87A N-Channel Trench Process Power MOSFET
CS64N90 THINKISEMI-CS64N90 Datasheet
905Kb / 5P
   85V,92A N-Channel Trench Process Power MOSFET
CS48N75 THINKISEMI-CS48N75 Datasheet
1Mb / 5P
   70V,68A N-Channel Trench Process Power MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com