Moteur de recherche de fiches techniques de composants électroniques |
|
ST1230C16K2L Fiches technique(PDF) 1 Page - International Rectifier |
|
ST1230C16K2L Fiches technique(HTML) 1 Page - International Rectifier |
1 / 5 page 1745A PHASE CONTROL THYRISTORS Hockey Puk Version ST1230C..K SERIES D-391 Bulletin I25194/A Features Center amplifying gate Metal case with ceramic insulator International standard case A-24 (K-PUK) High profile hockey-puk Typical Applications DC motor controls Controlled DC power supplies AC controllers I T(AV) 1745 A @ T hs 55 °C I T(RMS) 3200 A @ T hs 25 °C I TSM @ 50Hz 33500 A @ 60Hz 35100 A I 2t @ 50Hz 5615 KA 2s @ 60Hz 5126 KA 2s V DRM /V RRM 800 to 1600 V t q typical 200 µs T J - 40 to 125 °C Parameters ST1230C..K Units Major Ratings and Characteristics case style A-24 (K-PUK) Next Data Sheet Index Previous Datasheet To Order |
Numéro de pièce similaire - ST1230C16K2L |
|
Description similaire - ST1230C16K2L |