Moteur de recherche de fiches techniques de composants électroniques |
|
ST1230C16K3 Fiches technique(PDF) 5 Page - International Rectifier |
|
ST1230C16K3 Fiches technique(HTML) 5 Page - International Rectifier |
5 / 5 page ST1230C..K Series 23 D-3953333 Outline Table Case Style A-24 (K-PUK) All dimensions in millimeters (inches) Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics 40 50 60 70 80 90 100 110 120 130 0 200 400 600 800 1000 1200 1400 30° 60° 90° 120° 180° Average On-state Current (A) Conduction Angle ST1230C..K Series (Single Side Cooled) R (DC) = 0.042 K/W thJ-hs 20 30 40 50 60 70 80 90 100 110 120 130 0 400 800 1200 1600 2000 DC 30° 60° 90° 120° 180° Average On-state Current (A) Conduction Period ST1230C..K Series (Single Side Cooled) R (DC) = 0.042 K/W thJ-hs TWO PLACES PIN RECEPTACLE AMP. 60598-1 1 (0.04) MIN. TWO PLACES 47.5 (1.87) DIA. MAX. 2 HOLES DIA. 3.5 (0.14) x 2.1 (0.1) DEEP 4.75 (0.2) NOM. 20° ± 5° 44 (1.73) CREPAGE DESTANCE 28.88 (1.137) MIN. STRIKE DISTANCE 17.99 (0.708) MIN. 67 (2.6) DIA. MAX. Next Data Sheet Index Previous Datasheet To Order |
Numéro de pièce similaire - ST1230C16K3 |
|
Description similaire - ST1230C16K3 |