Moteur de recherche de fiches techniques de composants électroniques |
|
SD253N12S15MV Fiches technique(PDF) 6 Page - International Rectifier |
|
SD253N12S15MV Fiches technique(HTML) 6 Page - International Rectifier |
6 / 7 page SD253N/R Series 6 www.irf.com Bulletin I2065 rev. A 09/94 Fig. 8 - Thermal Impedance Z thJC Characteristic Fig. 7 - Forward Voltage Drop Characteristics Fig. 9 - Recovery Time Characteristics Fig. 10 - Recovery Charge Characteristics Fig. 11 - Recovery Current Characteristics Fig. 14 - Recovery Current Characteristics Fig. 13 - Recovery Charge Characteristics Fig. 12 - Recovery Time Characteristics 1 10 100 1000 10000 01 234 Instantaneous Forward Voltage (V) SD253N/R Series T = 25 °C J T = 125 °C J 0.001 0.01 0.1 1 0.001 0.01 0.1 1 10 Square Wave Pulse Duration (s) Steady State Value: R = 0.1 15K/W (DC Operation) thJC SD253N/R Series 10 20 30 40 50 60 70 80 90 100 110 120 130 10 20 30 40 50 60 70 80 90 100 Rate Of Fall Of Forward Current - di/dt (A/µs) 400 A 200 A I = 750 A Square Pulse FM SD253N/R..S15 Series T = 125 °C, V = 30V J r 50 60 70 80 90 100 110 120 130 140 150 160 170 10 20 30 40 50 60 70 80 90 100 Rate Of Fall Of Forward Current - di/dt (A/µs) 400 A 200 A I = 750 A Square Pulse FM SD253N/R..S15 Series T = 125 °C, V = 30V J r 1.6 2 2.4 2.8 3.2 3.6 10 100 Rate Of Fall Of Forward Current - di/dt (A/µs) 400 A 200 A I = 750 A Square Pulse FM SD253N/R..S15 Series T = 125 °C, V = 30V r J 20 30 40 50 60 70 80 90 100 110 120 130 10 20 30 40 50 60 70 80 90 100 Rate Of Fall Of Forward Current - di/dt (A/µs) 400 A 200 A I = 750 A Square Pulse FM SD253N/R..S20 Series T = 125 °C, V = 30V J r 50 100 150 200 250 300 10 20 30 40 50 60 70 80 90 100 Rate Of Fall Of Forward Current - di/dt (A/µs) 400 A 200 A I = 750 A Square Pulse FM SD253N/R..S20 Series T = 125 °C, V = 30V J r 2.4 2.6 2.8 3 3.2 3.4 3.6 10 100 Rate Of Fall Of Forward Current - di/dt (A/µs) 400 A 200 A I = 750 A Square Pulse FM SD253N/R..S20 Series T = 125 °C, V = 30V J r |
Numéro de pièce similaire - SD253N12S15MV |
|
Description similaire - SD253N12S15MV |