Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4435DY Fiches technique(PDF) 1 Page - International Rectifier

No de pièce SI4435DY
Description  Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SI4435DY Fiches technique(HTML) 1 Page - International Rectifier

  SI4435DY Datasheet HTML 1Page - International Rectifier SI4435DY Datasheet HTML 2Page - International Rectifier SI4435DY Datasheet HTML 3Page - International Rectifier SI4435DY Datasheet HTML 4Page - International Rectifier SI4435DY Datasheet HTML 5Page - International Rectifier SI4435DY Datasheet HTML 6Page - International Rectifier SI4435DY Datasheet HTML 7Page - International Rectifier SI4435DY Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-8.0
ID @ TA= 70°C
Continuous Drain Current, VGS @ -10V
-6.4
A
IDM
Pulsed Drain Current

-50
PD @TA = 25°C
Power Dissipation
2.5
PD @TA = 70°C
Power Dissipation
1.6
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
10/14/99
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
50
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
Si4435DY
HEXFET® Power MOSFET
These P-channel HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the extremely low on-resistance per
silicon area. This benefit provides the designer with an
extremely efficient device for use in battery and load
management applications..
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of power
applications. With these improvements, multiple devices
can be used in an application with dramatically reduced
board space. The package is designed for vapor phase,
infrared, or wave soldering techniques.
VDSS = -30V
RDS(on) = 0.020Ω
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
PD- 93768A
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
SO-8


Numéro de pièce similaire - SI4435DY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
SI4435DY KEXIN-SI4435DY Datasheet
490Kb / 2P
   P-Channel MOSFET
SI4435DY-HF KEXIN-SI4435DY-HF Datasheet
523Kb / 2P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI4435DY-T1-E3 VBSEMI-SI4435DY-T1-E3 Datasheet
1,001Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
International Rectifier
SI4435DYPBF IRF-SI4435DYPBF Datasheet
107Kb / 8P
   HEXFET Power MOSFET
More results

Description similaire - SI4435DY

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRFP044N IRF-IRFP044N Datasheet
105Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=53A)
IRFIZ46N IRF-IRFIZ46N Datasheet
104Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=33A)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
   Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com