Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD200N Fiches technique(PDF) 5 Page - International Rectifier

No de pièce SD200N
Description  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SD200N Fiches technique(HTML) 5 Page - International Rectifier

  SD200N Datasheet HTML 1Page - International Rectifier SD200N Datasheet HTML 2Page - International Rectifier SD200N Datasheet HTML 3Page - International Rectifier SD200N Datasheet HTML 4Page - International Rectifier SD200N Datasheet HTML 5Page - International Rectifier SD200N Datasheet HTML 6Page - International Rectifier SD200N Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SD200N/R Series
Outline Table
DO-205AC (DO-30) Flag
All dimensions in millimeters (inches)
GLASS-METAL SEAL
DIA. 23.5 (0.93) MAX.
16.5 (0.65)
5.6 (0.22)
DIA. 5.54 (0.22)
*FOR METRIC DEVICE. M12 X 1.75
1/2"-20UNF-2A*
CERAMIC HOUSING
DIA. 22.5 (0.88) MAX.
16.5 (0.65)
5.6 (0.22)
DIA. 5.54 (0.22)
1/2"-20UNF-2A*
*FOR METRIC DEVICE. M12 X 1.75
To Order
Next Data Sheet
Index
Previous Datasheet


Numéro de pièce similaire - SD200N

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD200N VISHAY-SD200N Datasheet
139Kb / 7P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 17-Apr-08
SD200N/R16 VISHAY-SD200N/R16 Datasheet
139Kb / 7P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 17-Apr-08
SD200N/R20 VISHAY-SD200N/R20 Datasheet
139Kb / 7P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 17-Apr-08
SD200N/R24 VISHAY-SD200N/R24 Datasheet
139Kb / 7P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 17-Apr-08
SD200NR VISHAY-SD200NR Datasheet
139Kb / 7P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 17-Apr-08
More results

Description similaire - SD200N

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com