Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TAT9988 Fiches technique(PDF) 6 Page - TriQuint Semiconductor

No de pièce TAT9988
Description  CATV GaN Power Doubler MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIQUINT [TriQuint Semiconductor]
Site Internet  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT9988 Fiches technique(HTML) 6 Page - TriQuint Semiconductor

Back Button TAT9988 Datasheet HTML 2Page - TriQuint Semiconductor TAT9988 Datasheet HTML 3Page - TriQuint Semiconductor TAT9988 Datasheet HTML 4Page - TriQuint Semiconductor TAT9988 Datasheet HTML 5Page - TriQuint Semiconductor TAT9988 Datasheet HTML 6Page - TriQuint Semiconductor TAT9988 Datasheet HTML 7Page - TriQuint Semiconductor TAT9988 Datasheet HTML 8Page - TriQuint Semiconductor TAT9988 Datasheet HTML 9Page - TriQuint Semiconductor TAT9988 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TAT9988
CATV GaN Power Doubler MMIC
Preliminary Datasheet: Rev G 10-07-14
- 6 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Bill of Material
– TAT8888-1200 (50-1200 MHz Hybrid Evaluation Board)
Reference Des.
Value
Description
Manuf.
Part Number
U1
CATV GaN Power Doubler Module
TriQuint
TAT9988
C1, C2, C5, C6, C7, C8,
C11, C14, C17
0.01 uF
Cap, Chip, 0402, X7R, 50V, 10%
Various
C9, C10
0.2 pF
Cap, Chip, 0402, COG, 50V, ± 0.1 pF
Various
C16
0.5 pF
Cap, Chip, 0402, COG, 50V, ± 0.1 pF
Various
C12, C13
270 pF
Cap, Chip, 0402, NPO, 50V, 5%
Various
C15
0.5 pF
Cap, Chip, 0402, COG, 50V, ± 0.1 pF
Various
L1, L2
9.1 nH
Ind, Chip, 0402, 540mA, 5.5GHz, 5%
Murata
LQP15AN9N1J00D
L3, L4
2
20 Ω
Bead, Chip, 0402, 700mA, 25%
Murata
BLM15EG221SN1D
L5
8.2 nH
Ind, Chip, 0402, 540mA, 5.5GHz, 5%
Murata
LQP15AN8N2J00D
R2, R12
2.40 kΩ Res, Chip, 0402, 0.1W, 1%
Various
R3
1.60 kΩ Res, Chip, 0402, 0.1W, 1%
Various
R5
390 Ω
Res, Chip, 0402, 0.1W, 1%
Various
R6, R7, R8
1.10 kΩ Res, Chip, 0402, 0.1W, 1%
Various
R9, R10
750
Res, Chip, 0402, 0.1W, 1%
Various
R11, R14, R16
15.0 kΩ Res, Chip, 0402, 0.1W, 1%
Various
R13
0 Ω
Res, Chip, 0402, 0.1W, 1%
Various
R15
10.0 kΩ Res, Chip, 0402, 0.1W, 1%
Various
R17
2.0 kΩ
Res, Chip, 0402, 0.1W, 1%
Various
R20
10.0 Ω
Res, Chip, 0402, 0.1W, 1%
Various
T1, T4
1:1
Balun
Murata
DXW21BN7511SL
T2
2.6:1
Transformer
Minntronix
MRF20003
T3
1:1
Balun
Minntronix
or MACOM
MRF20001
MABACT0059
U2, U3
N/A
ESD protection , IC
TriQuint
TQP200002
U4
28V
Transient Suppressor, 28V, SOD123W
NXP
PTVS28VS1UR
D1
4.7V
Zener Diode, 4.7V, 2%, SOD523
OnSemi
MM5Z4V7ST1G
D2
6.2V
Zener diode, 6.2V, 2%, SOD523
OnSemi
MM5Z6V2ST1G


Numéro de pièce similaire - TAT9988

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TAT905J12512 ETC2-TAT905J12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
TAT905K12512 ETC2-TAT905K12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
TAT905M12512 ETC2-TAT905M12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Description similaire - TAT9988

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
TAT8888 TRIQUINT-TAT8888_15 Datasheet
301Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
Qorvo, Inc
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
Skyworks Solutions Inc.
ACA1216 SKYWORKS-ACA1216 Datasheet
477Kb / 10P
   1218 MHz CATV MMIC Power Doubler
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA2431 SKYWORKS-ACA2431 Datasheet
1Mb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
logo
M/A-COM Technology Solu...
MAAM-010355 MA-COM-MAAM-010355 Datasheet
1Mb / 10P
   CATV Power Doubler
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
   CATV Power Doubler Hybrid
logo
NXP Semiconductors
BGD104 PHILIPS-BGD104 Datasheet
50Kb / 8P
   CATV power doubler amplifier module
1999 Mar 22
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
   CATV power doubler amplifier modules
1995 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com