Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ505(L) Fiches technique(PDF) 8 Page - Renesas Technology Corp

No de pièce 2SJ505(L)
Description  Silicon P Channel MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ505(L) Fiches technique(HTML) 8 Page - Renesas Technology Corp

Back Button 2SJ505(L)_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ505(L)_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ505(L)_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ505(L)_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ505(L)_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ505(L)_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ505(L)_15 Datasheet HTML 9Page - Renesas Technology Corp 2SJ505(L)_15 Datasheet HTML 10Page - Renesas Technology Corp 2SJ505(L)_15 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2SJ505(L), 2SJ505(S)
Rev.5.00 Jun 05, 2006 page 6 of 8
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Waveform
Vin Monitor
D.U.T.
Vin
–10 V
RL
Vout
Monitor
50
VDD
= –30 V


Numéro de pièce similaire - 2SJ505(L)_15

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ505 RENESAS-2SJ505 Datasheet
97Kb / 9P
   Silicon P Channel MOS FET
logo
Hitachi Semiconductor
2SJ505L HITACHI-2SJ505L Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ505L RENESAS-2SJ505L Datasheet
97Kb / 9P
   Silicon P Channel MOS FET
2SJ505L-E RENESAS-2SJ505L-E Datasheet
97Kb / 9P
   Silicon P Channel MOS FET
More results

Description similaire - 2SJ505(L)_15

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com