Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17006AGF-011 Fiches technique(PDF) 9 Page - NEC

No de pièce UPD17006AGF-011
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOBILE FM, MW, AND LW RADIOS
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD17006AGF-011 Fiches technique(HTML) 9 Page - NEC

Back Button UPD17006AGF-011 Datasheet HTML 5Page - NEC UPD17006AGF-011 Datasheet HTML 6Page - NEC UPD17006AGF-011 Datasheet HTML 7Page - NEC UPD17006AGF-011 Datasheet HTML 8Page - NEC UPD17006AGF-011 Datasheet HTML 9Page - NEC UPD17006AGF-011 Datasheet HTML 10Page - NEC UPD17006AGF-011 Datasheet HTML 11Page - NEC UPD17006AGF-011 Datasheet HTML 12Page - NEC UPD17006AGF-011 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
9
µPD17006AGF-011
Pin Name
Pin No.
Function
This pin inputs local oscillation output (VCO output) of FM
band. It becomes active when FM band is received; oth-
erwise, it is internally pulled down.
Input frequency ranges from 15 to 150 MHz (0.3 Vp-p). Because
on-chip AC amplifier is provided, cut out DC component
with a capacitor.
Ground pins.
GND0 is ground of PLL, and GND1 and GND2 are grounds
of digital circuits.
Connect nothing to this pin.
These are output pins of charge pump of PLL (Phase
Locked Loop). If divided local oscillation frequency (VCO
output) is higher than reference frequency, these pins
output high level; if local oscillation frequency is lower
than reference frequency, these pins output low level.
They are floated if two frequencies match.
These outputs are input to external LPF (lowpass filter) and
are applied to varactor diode via LPF.
Same waveform is output to EO0 and EO1. You can use
either pin.
These pins indicate operation mode of
µPD17006AGF-011,
as follows:
Mode0
MODE1
Mode
0
0
Radio
1
0
Tape
11
CD
(0: low level, 1: high level)
SK mute output pin used in absence of traffic information
station identification signal in TP/SK mode.
Sound mute signal output pin.
It is used to reject shock noise that is generated when PLL
is unlocked in radio mode, or to select mode pin output.
For output timing, refer to 7. MUTE OUTPUT TIMING
CHART.
Traffic information station identification signal output pin.
It goes low when:
• SK or DK signal, TP or TA bit, or alarm is detected in TP/
SK mode of FM band.
• Traffic information alarm is output.
Connect nothing to this pin.
Symbol
I/O Format
FMOSC
16
Input
17
33
61
18
GND0
GND1
GND2
NC
Ground
No connection
Error out
EO0
EO1
19
20
CMOS 3-state
output
FM local
oscillation
input
CMOS push-
pull output
MODE0
MODE1
21
22
Mode signal
output
CMOS push-
pull output
SK MUTE
23
Mute signal
output
MUTE
24
SK mute
output signal
CMOS push-
pull output
Traffic infor-
mation station
signal output
25
Internally
connected
TA/DK
IC
N-ch open
drain output
26
27


Numéro de pièce similaire - UPD17006AGF-011

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPD17006AGF-011 RENESAS-UPD17006AGF-011 Datasheet
561Kb / 74P
   MOS INTEGRATED CIRCUIT
1994
UPD17006AGF-011-3B9 RENESAS-UPD17006AGF-011-3B9 Datasheet
561Kb / 74P
   MOS INTEGRATED CIRCUIT
1994
More results

Description similaire - UPD17006AGF-011

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD17012GF-055 RENESAS-PD17012GF-055_15 Datasheet
541Kb / 84P
   SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR CAR-MOUNTED FM/MW/LW RADIO
PD178016GC-051 RENESAS-PD178016GC-051_15 Datasheet
577Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO APPLICATIONS
logo
NEC
UPD178024GC-051 NEC-UPD178024GC-051 Datasheet
467Kb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO WITH CD PLAYER
UPD17012GF-058 NEC-UPD17012GF-058 Datasheet
836Kb / 92P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER AUTOMOBILE APPLICATION
logo
Renesas Technology Corp
PD17012GF-058 RENESAS-PD17012GF-058_15 Datasheet
1Mb / 94P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER (AUTOMOBILE APPLICATION)
logo
NEC
UPD1708AG-011 NEC-UPD1708AG-011 Datasheet
746Kb / 28P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Daewoo Semiconductor
DMC4001 DAEWOO-DMC4001 Datasheet
3Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
DMC4002 DAEWOO-DMC4002 Datasheet
6Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Integral Corp.
IND1723Q INTEGRAL-IND1723Q Datasheet
102Kb / 2P
   CONTROLLER AND FREQUENCY SYNTHESIZER USED IN AUTOMOBILE RECEIVER WITH FM, MW,LW BAND
logo
Panasonic Semiconductor
MN1427 PANASONIC-MN1427 Datasheet
1Mb / 16P
   CMOS 4-Bit Single-Chip Microcomputer with Prescaler, PLL-Synthesizer for Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com