Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17006AGF-011 Fiches technique(PDF) 46 Page - NEC

No de pièce UPD17006AGF-011
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOBILE FM, MW, AND LW RADIOS
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD17006AGF-011 Fiches technique(HTML) 46 Page - NEC

Back Button UPD17006AGF-011 Datasheet HTML 42Page - NEC UPD17006AGF-011 Datasheet HTML 43Page - NEC UPD17006AGF-011 Datasheet HTML 44Page - NEC UPD17006AGF-011 Datasheet HTML 45Page - NEC UPD17006AGF-011 Datasheet HTML 46Page - NEC UPD17006AGF-011 Datasheet HTML 47Page - NEC UPD17006AGF-011 Datasheet HTML 48Page - NEC UPD17006AGF-011 Datasheet HTML 49Page - NEC UPD17006AGF-011 Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
46
µPD17006AGF-011
(d) AF operation 2-2
• When initial setting diode AFSEL = 0
AF is selected by the following procedure:
1
The AF list currently received (up to 25 stations) is sorted in order of frequency.
2
The SD pin is checked from the highest frequency, and up to eight stations of signal meter
levels are stored when a station is detected.
3
Based on the result in 2 , the AF is selected starting from the station with the highest signal
meter level.
4
If an RDS station is detected in the course of AF selection, the PI code is checked.
At this time, the PI code is checked as follows:
When the region mode is selected because the initial setting diode REGEN = 1 and the
REGION
key is asserted, coincidence of the 12-bit PI code excluding the area cover
code of the PI code is detected; otherwise, coincidence of a 16-bit PI code is detected.
The AF operation is completed when detection of coincidence of the PI code is successful, and
an RDS station is received.
5
If AF selection fails in 4 , the station before AF selection was performed is retained.
• When initial setting diode AFSEL = 1
The AF of each station is changed every 5 seconds. If changing the AF fails, the original station
is retained.
(3) PI search operation
If AF selection fails when AF operation 1 has been performed, and RDS mode is set, a PI search operation
is performed by the following procedure:
1
Stations are searched in the up direction in 100-kHz steps to make a pass through the band, starting
from the frequency received before failure of AF selection.
2
A station is detected. If it is not an RDS station, proceed to the next step. If it is an RDS station, the
PI code is checked.
The PI code is checked as follows:
When the region mode is selected because the initial setting diode REGEN = 1 and the
REGION
key is asserted, coincidence of the 12-bit PI code excluding the area cover code of the PI code
is detected; otherwise, coincidence of a 16-bit PI code is detected.
3
If detection of coincidence of the PI code is successful in 2 , the AF operation is completed, and the
station is received.
4
If detection of coincidence of the PI code fails in 2 , and if coincidence of the PI code is not detected
after the PI search is performed, passing through the band, the frequency before the PI search is
retained, and the AF operation is completed.
4.1.5 EON (Enhanced Other Network)
The EON information sent as block 3 of group type 14A uses the AF list of the network of the other station
and mapped FM frequency.
Group type 14A and data are input by the following procedure:


Numéro de pièce similaire - UPD17006AGF-011

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPD17006AGF-011 RENESAS-UPD17006AGF-011 Datasheet
561Kb / 74P
   MOS INTEGRATED CIRCUIT
1994
UPD17006AGF-011-3B9 RENESAS-UPD17006AGF-011-3B9 Datasheet
561Kb / 74P
   MOS INTEGRATED CIRCUIT
1994
More results

Description similaire - UPD17006AGF-011

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD17012GF-055 RENESAS-PD17012GF-055_15 Datasheet
541Kb / 84P
   SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR CAR-MOUNTED FM/MW/LW RADIO
PD178016GC-051 RENESAS-PD178016GC-051_15 Datasheet
577Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO APPLICATIONS
logo
NEC
UPD178024GC-051 NEC-UPD178024GC-051 Datasheet
467Kb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO WITH CD PLAYER
UPD17012GF-058 NEC-UPD17012GF-058 Datasheet
836Kb / 92P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER AUTOMOBILE APPLICATION
logo
Renesas Technology Corp
PD17012GF-058 RENESAS-PD17012GF-058_15 Datasheet
1Mb / 94P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER (AUTOMOBILE APPLICATION)
logo
NEC
UPD1708AG-011 NEC-UPD1708AG-011 Datasheet
746Kb / 28P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Daewoo Semiconductor
DMC4001 DAEWOO-DMC4001 Datasheet
3Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
DMC4002 DAEWOO-DMC4002 Datasheet
6Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Integral Corp.
IND1723Q INTEGRAL-IND1723Q Datasheet
102Kb / 2P
   CONTROLLER AND FREQUENCY SYNTHESIZER USED IN AUTOMOBILE RECEIVER WITH FM, MW,LW BAND
logo
Panasonic Semiconductor
MN1427 PANASONIC-MN1427 Datasheet
1Mb / 16P
   CMOS 4-Bit Single-Chip Microcomputer with Prescaler, PLL-Synthesizer for Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com