Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


UPD17006AGF-011 Datasheet(Fiches technique) 3 Page - NEC

Numéro de pièce UPD17006AGF-011
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOBILE FM, MW, AND LW RADIOS
Télécharger  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo 

 
 3 page
background image
3
µPD17006AGF-011
RDS function
(1) Broadcasting station display
The name of the broadcasting station currently being received is displayed by using a PS code.
(2) AF operation
An AF list of up to 25 stations can be loaded, with METHOD A and METHOD B supported. Loading of
AFs of other stations by EON is also supported.
(3) Traffic information station selection
TA and TP bits are detected in TP/SK standby status and a traffic information station is selected. This
function supports EON.
(4) Time adjustment
The internal timer is adjusted by using CT code.
(5) Alarm
When the PTY alarm code (=31) is received, the sound is changed to the radio.
(6) RDS memories
Up to 22 types of PI codes can be stored in the RDS memories. The memory of each PI code stores eight
stations from the corresponding AF lists.
(7) Broadcasting program identification information
By using PTY codes 0 to 15, the name of the broadcasting program currently being received can be
displayed. In addition, searching by using the displayed program name can be performed.
Timer function
(1) 12-hour display (with “
” and “
” displayed) and 24-hour display
(2) Flashing (1 Hz) of the colon (“:”) can be enabled or disabled.
(3) Low-current backup is possible in non-timer mode.
Tape function
(1) Sound selection can be made by tape signal input.
(2) Tape running direction can be displayed.
(3) Noise reduction output can be performed.
CD function
(1) Sound selection can be performed by CD signal input.
(2) Sound selection can be performed by
CD
key.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UPD178024GC-0518-BIT SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER PLL FREQUENCY SYNTHESIZER AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO WITH CD PLAYER 1 2 3 4 5 MoreNEC
UPD17071GB-0124-BIT SINGLE-CHIP MICROCONTROLLER WITH PLL FREQUENCY SYNTHESIZER CONTROLLER FOR PORTABLE FM/AM RADIO AND TV 1 2 3 4 5 MoreNEC
UPD170684-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS 1 2 3 4 5 MoreNEC
UPD170624-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER 1 2 3 4 5 MoreNEC
UPD17201A4-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND A/D CONVERTER FOR INFRARED REMOTE CONTROL TRANSMITTERS 1 2 3 4 5 MoreNEC
UPD17202AGF-0114-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND KEY SCAN CIRCUIT FOR FPC FRONT PANEL CONTROLLER 1 2 3 4 5 MoreNEC
UPD17203A4-BIT SINGLE-CHIP MICROCONTROLLER WITH LARGE-CAPACITANCE STATIC RAM AND 3-CHANNEL TIMER FOR INFRARED REMOTE CONTROLLER  1 2 3 4 5 MoreNEC
UPD17012GF-058PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER AUTOMOBILE APPLICATION 1 2 3 4 5 MoreNEC
UPD17P0054-BIT SINGLE-CHIP MICROCONTROLLER WITH ONE-TIME PROM AND HARDWARE FOR DIGITAL TUINING SYSTEMS  1 2 3 4 5 MoreNEC
UPD17P203A4-BIT SINGLE-CHIP MICROCONTROLLER WITH STATIC RAM AND 3-CHANNEL TIMER FOR INFRARED REMOTE CONTROLLER 1 2 3 4 5 MoreNEC

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl