Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N0400P-ZK-E2-AYNote Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce N0400P-ZK-E2-AYNote
Description  MOS FIELD EFFECT TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0400P-ZK-E2-AYNote Fiches technique(HTML) 2 Page - Renesas Technology Corp

  N0400P-ZK-E2-AYNote Datasheet HTML 1Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 2Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 3Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 4Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 5Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 6Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 7Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 8Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
N0400P
Chapter Title
R07DS0500EJ0200 Rev.2.00
Page 2 of 7
Aug 19, 2011
Electrical Characteristics (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
−40 V, VGS = 0 V
−10
μA
Gate Leakage Current
IGSS
VGS = m12 V, VDS = 0 V
m10
μA
Gate to Source Cut-off Voltage
VGS(off)
VDS =
−10 V, ID = −1 mA
−0.5
−1.0
−1.5
V
Forward Transfer Admittance
Note
| yfs |
VDS =
−10 V, ID = −7.5 A
6.0
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS =
−4.5 V, ID = −7.5 A
31
40
m
Ω
RDS(on)2
VGS =
−2.5 V, ID = −3.8 A
40
73
m
Ω
Input Capacitance
Ciss
VDS =
−10 V,
1400
pF
Output Capacitance
Coss
VGS = 0 V,
200
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
155
pF
Turn-on Delay Time
td(on)
VDD =
−20 V, ID = −7.5 A,
11
ns
Rise Time
tr
VGS =
−4.5 V,
16
ns
Turn-off Delay Time
td(off)
RG = 0
Ω
104
ns
Fall Time
tf
93
ns
Total Gate Charge
QG
VDD =
−32 V,
16
nC
Gate to Source Charge
QGS
VGS =
−4.5 V,
3
nC
Gate to Drain Charge
QGD
ID =
−15 A
7
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF =
−15 A, VGS = 0 V
0.94
1.5
V
Reverse Recovery Time
trr
IF =
−15 A, VGS = 0 V,
31
ns
Reverse Recovery Charge
Qrr
di/dt =
−100 A/
μs
33
nC
Note Pulsed: PW
≤ 350
μs, Duty Cycle ≤ 2%
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
L
VDD
VGS =
−12 → 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS(−)
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS(−)
10%
90%
VGS
10%
0
VDS(−)
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VDS
0
ton
toff
PG.
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA
<R>
<R>
<R>


Numéro de pièce similaire - N0400P-ZK-E2-AYNote

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
N0400P-ZK-E2-AY RENESAS-N0400P-ZK-E2-AY Datasheet
309Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
N0400P-ZK-E2-AY RENESAS-N0400P-ZK-E2-AY Datasheet
232Kb / 9P
   N0400P
More results

Description similaire - N0400P-ZK-E2-AYNote

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com