Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5100A Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SM5100A
Description  5.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM5100A Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM5100A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM5100A_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM5100A
Voltage 100V
5.0 Amp Schottky Barrier Rectifiers
Elektronische Bauelemente
22-Mar-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at T erminals
Low Revise Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Axial Leads, Solderable per MIL-STD-202
method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMA
5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Ratings
Unit
Peak Repetitive Peak Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
Maximum DC Blocking Voltage
VR
100
V
Average Forward Current @TJ=25°C
IF(AV)
5
A
Peak Forward Current @ 8.3ms Half Sine
IFSM
125
A
Maximum Instantaneous Forward
Voltage
IFM=5.0A, TA=25°C
VF
0.82
V
IFM=5.0A, TA=75°C
0.73
IFM=5.0A, TA=125°C
0.65
Maximum DC Reverse Current
At Rated DC Blocking Voltage
4
TJ=25°C
IR
100
µA
TJ=100°C
800
Typical Junction Capacitance
CJ
350
pF
Typical Thermal Resistance
2
RθJA
55
°C / W
Typical Thermal Resistance
3
RθJC
20
°C / W
Device Power Dissipation
PD
2
W
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / µs
Operating and Storage Temperature Range
TJ, TSTG
-50~150, -65~150
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2.
Thermal Resistance Junction to Ambient.
3.
Thermal Resistance Junction to Case.
4.
Pulse Test:Pulse Width≦300µs, Duty Cycle≦2.0%.
SMA
A
B
E
G
D
F
C
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.24
1.65
E
-
0.203
B
3.99
4.60
F
4.80
5.28
C
2.50
2.90
G
0.76
1.52
D
1.98
2.44
H
0.15
0.305


Numéro de pièce similaire - SM5100A_15

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
SM5100A LRC-SM5100A_15 Datasheet
367Kb / 9P
   Schottky Barrier Rectifiers
More results

Description similaire - SM5100A_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR580L.5A-DO-27 DGNJDZ-SR580L.5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR5200L-5A-DO-27 DGNJDZ-SR5200L-5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB520-5A-DO-27 DGNJDZ-SB520-5A-DO-27 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com