Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM540ZT Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SM540ZT
Description  5.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM540ZT Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM540ZT_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM540ZT_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* Low forward voltage drop
FEATURES
MECHANICAL DATA
UNITS
V
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 5 Amps )
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
5
0.2
30
V
V
A
A
V
mA
pF
Typical Thermal Resistance R
θJC (Note 2)
25
-50
+150
-65
+175
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
SM540ZT
40
40
40
125
F
380
0.55
~
~
NOTES:
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SOT-223
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 1.0 grams(Approximately)
Any changing of specification will not be informed individual
SM540ZT
VOLTAGE 40V
5.0 Amp Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5”(12.7mm) Lead Length.
LEAD CODE:
1) ANODE
2) CATHODE
3) ANODE
4) CATHODE
Pin 1 and Pin 3 are common.
Pin 2 and Pin 4 are common.
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Numéro de pièce similaire - SM540ZT_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SM540ZT SECOS-SM540ZT Datasheet
115Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results

Description similaire - SM540ZT_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR580L.5A-DO-27 DGNJDZ-SR580L.5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR5200L-5A-DO-27 DGNJDZ-SR5200L-5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB520-5A-DO-27 DGNJDZ-SB520-5A-DO-27 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com