Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF9530NL Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF9530NL
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF9530NL Fiches technique(HTML) 1 Page - International Rectifier

  IRF9530NL Datasheet HTML 1Page - International Rectifier IRF9530NL Datasheet HTML 2Page - International Rectifier IRF9530NL Datasheet HTML 3Page - International Rectifier IRF9530NL Datasheet HTML 4Page - International Rectifier IRF9530NL Datasheet HTML 5Page - International Rectifier IRF9530NL Datasheet HTML 6Page - International Rectifier IRF9530NL Datasheet HTML 7Page - International Rectifier IRF9530NL Datasheet HTML 8Page - International Rectifier IRF9530NL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF9530NS/L
HEXFET® Power MOSFET
PD - 91523A
l Advanced Process Technology
l Surface Mount (IRF9530NS)
l Low-profile through-hole (IRF9530NL)
l 175°C Operating Temperature
l Fast Switching
l P-Channel
l Fully Avalanche Rated
5/13/98
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.9
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V…
-14
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V…
-10
A
IDM
Pulsed Drain Current
…
-56
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
79
W
Linear Derating Factor
0.53
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
250
mJ
IAR
Avalanche Current

-8.4
A
EAR
Repetitive Avalanche Energy

7.9
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRF9530NL) is available for low-
profile applications.
Description
VDSS = -100V
RDS(on) = 0.20Ω
ID = -14A
2
D
P ak
TO-26 2


Numéro de pièce similaire - IRF9530NL

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
IRF9530NL KERSEMI-IRF9530NL Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9530NL ISC-IRF9530NL Datasheet
273Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF9530NLPBF IRF-IRF9530NLPBF Datasheet
758Kb / 10P
   Advanced Process Technology Surface Mount
IRF9530NLPBF IRF-IRF9530NLPBF Datasheet
767Kb / 11P
   Advanced Process Technology
More results

Description similaire - IRF9530NL

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRFI520N IRF-IRFI520N Datasheet
133Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=7.6A)
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530 IRF-IRF530 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com