Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMART1500RM2U Fiches technique(PDF) 4 Page - Tripp Lite. All Rights Reserved

No de pièce SMART1500RM2U
Description  SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack, LCD,USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500RM2U Fiches technique(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMART1500RM2U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500RM2U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500RM2U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500RM2U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500RM2U_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPS Power Module Dimensions
(hwd, cm)
8.9 x 44.4 x 34.2
Rack Height (U Spaces)
2
UPS Power Module Weight (lbs.)
46.5
UPS Power Module Weight (kg)
21.1
UPS Shipping Dimensions (hwd / in.)
8.5 x 23.4 x 19.9
UPS Shipping Dimensions (hwd /
cm)
21.6 x 59.4 x 50.5
Shipping Weight (lbs.)
57.6
Shipping Weight (kg)
26.2
Cooling Method
Fan
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
267
AC Mode Efficiency Rating (100%
Load)
95%
COMMUNICATIONS
Communications Interface
USB; DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions
PowerAlert Software
Included
Communications Cable
USB and DB9 cabling included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
Network UPS Tools Compatibility
NUT compatible. See the full list of Tripp Lite NUT compatible UPS systems at
http://www.networkupstools.org/stable-hcl.html?manufacturer=Tripp Lite
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
83
High Voltage Transfer to Battery
Power (Setpoint)
147
SPECIAL FEATURES
Grounding Lug
Back panel grounding lug
4 / 5


Numéro de pièce similaire - SMART1500RM2U_15

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SMART1500RM2UL TRIPPLITE-SMART1500RM2UL Datasheet
172Kb / 6P
   SmartPro UPS, Lithium Battery Backup - 120V 1500VA / 1440W Line Interactive, 2U, Sine Wave, LCD
SMART1500RM2UN TRIPPLITE-SMART1500RM2UN Datasheet
508Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
More results

Description similaire - SMART1500RM2U_15

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SMART1500RMXL2UA TRIPPLITE-SMART1500RMXL2UA_15 Datasheet
509Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack-Tower, LCD, USB, DB9 Serial
SMART1500RM2UN TRIPPLITE-SMART1500RM2UN Datasheet
508Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1500RMXLN TRIPPLITE-SMART1500RMXLN Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard pre-installed, 2U Rack/Tower, LCD, USB, DB9 Serial
SM1500RMXL2UTAA TRIPPLITE-SM1500RMXL2UTAA Datasheet
509Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMX1500XLRT2U TRIPPLITE-SMX1500XLRT2U Datasheet
507Kb / 5P
   SmartPro 230V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART1000RM2U TRIPPLITE-SMART1000RM2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack, USB, DB9 Serial, LCD
SMART2200RM2U TRIPPLITE-SMART2200RM2U_15 Datasheet
504Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack-Tower,LCD, USB, DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
   -SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com