Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMART1500LCDXL Fiches technique(PDF) 2 Page - Tripp Lite. All Rights Reserved

No de pièce SMART1500LCDXL
Description  SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Extended Run, 2U Rack/Tower, LCD Display,USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500LCDXL Fiches technique(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART1500LCDXL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500LCDXL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500LCDXL Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500LCDXL Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500LCDXL Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
97% line power mode efficiency operation
Line Interactive Automatic Voltage Regulation / AVR circuits correct brownouts and overvoltages from 75 to 147V
Included mounting accessories for 2U rackmount and tower installation
USB and DB9 serial ports enable optional unattended system shutdown using PowerAlert UPS management software available via free download from
www.tripplite.com
HID-compliant USB interface enable integration with built-in power management and auto shutdown features of Windows and Mac OS X
DB9 serial port also supports contact closure signaling for on-battery and power-restored messaging
Built-in data line surge suppression jacks offer protection for equipment with single-line dialup or PoE compatible network ethernet connection
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1500
Output kVA Capacity (kVA)
1.5
Output Watt Capacity (Watts)
900
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-18%, +8%
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(8) 5-15R
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
8.5A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Connection Description
Space-saving right angle input plug
Input Circuit Breakers
10A
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
4 min. (900w)
2 / 5


Numéro de pièce similaire - SMART1500LCDXL

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SMART1500LCD ETC2-SMART1500LCD Datasheet
502Kb / 6P
   Smart LCD 1500VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
logo
Tripp Lite. All Rights ...
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCDTXL TRIPPLITE-SMART1500LCDTXL Datasheet
179Kb / 5P
   Line-Interactive UPS 1440VA 1200W - 8 NEMA 5-15R Outlets, AVR, USB, Serial, LCD, Extended Run, Tower
SMART1500LCD TRIPPLITE-SMART1500LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
More results

Description similaire - SMART1500LCDXL

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SMART1500LCD TRIPPLITE-SMART1500LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
SMX1500LCD TRIPPLITE-SMX1500LCD Datasheet
486Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD display, USB, DB9 Serial
SMART1200LCD TRIPPLITE-SMART1200LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.2kVA 700W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
SMX1500LCDT TRIPPLITE-SMX1500LCDT Datasheet
561Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, Tower, LCD display, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1500LCD ETC2-SMART1500LCD Datasheet
502Kb / 6P
   Smart LCD 1500VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
logo
Tripp Lite. All Rights ...
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000RMXL2U TRIPPLITE-SMART3000RMXL2U Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com