Moteur de recherche de fiches techniques de composants électroniques |
|
SMART1000RM1U Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
SMART1000RM1U Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved |
1 / 5 page SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial MODEL NUMBER: SMART1000RM1U Description Tripp Lite SMART1000RM1U 1000VA / 1kVA / 800 watt line interactive, sine wave UPS system offers complete power protection for critical network applications in a highly efficient 1U total rack/tower configuration. Simultaneous-use network management interfaces include USB, RS-232 and optional SNMP/Web accessory card. Line interactive voltage regulation, network-grade surge suppression and long-lasting sine wave AC output during blackouts make this UPS ideal for advanced networking applications in datacenters, computer rooms and network closets. Features Tripp Lite SMART1000RM1U 1kVA / 1000VA / 800 watt line interactive UPS 1U rack/tower compatible form factor Included mounting brackets support 2 and 4 post rackmount installation; Optional 4POSTRAILKIT1U is available for additional support NEMA 5-15P input; 6 5-15R output receptacles Installed depth of only 16.75 in. / 42.5cm Sine wave output in both AC and battery backup modes Line Interactive UPS provides Automatic Voltage Regulation / AVR to maintain 120V nominal output during brownouts to 83V and overvoltages to 147V without using battery power Full load efficiency rating of 99% saves energy and ensures cool operating temperatures Integrated 2 bank switched PDU enables remote outlet management for load shedding or remote reboot of individual devices PowerAlert monitoring software offers detailed site power and UPS updates with support for safe auto-shutdown of connected systems as UPS batteries become depleted Includes Free PowerAlert monitoring software packages; PowerAlert LOCAL for desktops and small business networks, PowerAlert NSA (Network Shutdown Agent) for larger networks and PowerAlert NMS (Network Management System) for monitoring up to 250 SNMP-enabled UPS, PDU and other Highlights 1kVA / 1000VA / 800W line interactive 1U rackmount UPS, Sine Wave 120V output, Corrects brownouts and overvoltages from 83V to 147V 0.8 Power Factor, Front panel status LEDs Mounting brackets support 2 and 4 post installation 99% line-mode efficiency, 2 switched load banks USB, RS232, EPO and slot for SNMPWEBCARD option 120V NEMA 5-15P input, 6 NEMA 5-15R outlets This product is ENERGY STAR qualified for its ability to save customers money while helping to protect the environment Applications Distributed Server Rooms Network Closets Small Business Networks Voice over IP (VoIP) Phone Systems Package Includes SMART 1000RM1U UPS System Mounting hardware Cabling for USB & DB9 monitoring and EPO switching PowerAlert unattended shutdown and UPS/Power monitoring software Instruction manual 1 / 5 |
Numéro de pièce similaire - SMART1000RM1U_15 |
|
Description similaire - SMART1000RM1U_15 |