Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMART500RT1U Fiches technique(PDF) 3 Page - Tripp Lite. All Rights Reserved

No de pièce SMART500RT1U
Description  SmartPro 120V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART500RT1U Fiches technique(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SMART500RT1U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART500RT1U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART500RT1U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART500RT1U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART500RT1U_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
3.2 min. (300w)
Half Load Runtime (min.)
14.6 min. (150w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
Less than 16 hours from 10% to 90% (typical, full load discharge)
Internal UPS Replacement Battery
Cartridge
RBC62-1U
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with input voltage as low as 90
Undervoltage Correction
Input voltages between 90 and 108 are boosted by 14%
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure, overload and low-battery conditions
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
567 joules
EMI / RFI AC Noise Suppression
Yes
AC Suppression Joule Rating
567
AC Suppression Response Time
Instantaneous
PHYSICAL
Included Mounting Accessory
Description
Included mounting flanges support rackmount installation in 2 or 4 post racks
Primary Form Factor
Rackmount
UPS Power Module Dimensions
(hwd, in.)
1.7 x 17.5 x 11.8
UPS Power Module Dimensions
(hwd, cm)
4.4 x 44.4 x 29.8
Rack Height (U Spaces)
1
3 / 5


Numéro de pièce similaire - SMART500RT1U_15

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SMART500RT1UN TRIPPLITE-SMART500RT1UN Datasheet
177Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS, 1U, WEBCARDLX, USB, DB9, 6 Outlets
SMART500RT1UTAA TRIPPLITE-SMART500RT1UTAA Datasheet
482Kb / 5P
   TAA-Compliant SmartPro 120V 500VA 300W Line-Interactive UPS, SNMP, Webcard, 1U Rack/Tower, USB, DB9 Serial
More results

Description similaire - SMART500RT1U_15

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SMART500RT1UTAA TRIPPLITE-SMART500RT1UTAA Datasheet
482Kb / 5P
   TAA-Compliant SmartPro 120V 500VA 300W Line-Interactive UPS, SNMP, Webcard, 1U Rack/Tower, USB, DB9 Serial
SMX500RT1U TRIPPLITE-SMX500RT1U_15 Datasheet
490Kb / 5P
   SmartPro 230V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMART2200VS TRIPPLITE-SMART2200VS_15 Datasheet
508Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
SMART500RT1UN TRIPPLITE-SMART500RT1UN Datasheet
177Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS, 1U, WEBCARDLX, USB, DB9, 6 Outlets
SMART750RM1U TRIPPLITE-SMART750RM1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack-Mount, USB,DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com