Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZXC3V Fiches technique(PDF) 2 Page - SUNMATE electronic Co., LTD

No de pièce BZXC3V
Description  1.3 Watts Axial Leaded Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZXC3V Fiches technique(HTML) 2 Page - SUNMATE electronic Co., LTD

  BZXC3V Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZXC3V Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
56
51
47
43
62
39
36
33
30
27
24
22
20
68
160
150
18
16
15
13
75
130
82
12
11
10
1
2
91
120
110
100
180
200
5
8
2
6
1
7
3
9
85
6
3
0
7
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse Maximum DC
Temp. coefficient
Type
Voltage
(1)
Impedance, f = 1kHz
Leakage Current
Zener Current
of Zener Voltage
Number
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(2)
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
min.
max.
BZX85C2V
2.7
80
20
400
1.0
150
1.0
370
-0.08
-0.05
BZX85C3V
3.0
80
20
400
1.0
100
1.0
340
-0.08
-0.05
BZX85C3V
3.3
80
20
400
1.0
40
1.0
320
-0.08
-0.05
BZX85C3V
3.6
60
15
500
1.0
20
1.0
290
-0.08
-0.05
BZX
C3V
3.9
60
15
500
1.0
10
1.0
280
-0.07
-0.02
BZX85C4V
4.3
50
13
500
1.0
3.0
1.0
250
-0.05
0.010
BZX85C4V
4.7
45
13
500
1.0
3.0
1.0
215
-0.03
0.040
BZX85C5V
5.1
45
10
500
1.0
1.0
1.5
200
-0.01
0.040
BZX85C5V
5.6
45
7.0
400
1.0
1.0
2.0
190
0
0.045
BZX85C6V
6.2
35
4.0
300
1.0
1.0
3.0
170
0.010
0.055
BZX85C6V
6.8
35
3.5
300
1.0
1.0
4.0
155
0.015
0.060
BZX85C7V
7.5
35
3.0
200
0.5
1.0
4.5
140
0.020
0.065
BZX85C8V
8.2
25
5.0
200
0.5
1.0
6.2
130
0.030
0.070
BZX85C9V
9.1
25
5.0
200
0.5
1.0
6.8
120
0.040
0.075
BZX85C
10
25
7.0
200
0.5
0.5
7.5
105
0.450
0.080
BZX85C
11
20
8.0
300
0.5
0.5
8.2
97
0.045
0.080
BZX85C
12
20
9.0
350
0.5
0.5
9.1
88
0.045
0.085
BZX85C
13
20
10
400
0.5
0.5
10
79
0.050
0.085
BZX85C
15
15
10
500
0.5
0.5
11
71
0.055
0.090
BZX85C
16
15
15
500
0.5
0.5
12
66
0.055
0.090
BZX85C
18
15
20
500
0.5
0.5
13
62
0.060
0.090
BZX85C
20
10
24
600
0.5
0.5
15
56
0.060
0.090
BZX85C
22
10
25
600
0.5
0.5
16
52
0.060
0.095
BZX85C
24
10
25
600
0.5
0.5
18
47
0.060
0.095
BZX85C
27
8.0
30
750
0.25
0.5
20
41
0.060
0.095
BZX85C
30
8.0
30
1000
0.25
0.5
22
36
0.060
0.095
BZX85C
33
8.0
35
1000
0.25
0.5
24
33
0.060
0.095
BZX85C
36
8.0
40
1000
0.25
0.5
27
30
0.060
0.095
BZX85C
39
6.0
50
1000
0.25
0.5
30
28
0.060
0.095
BZX85C
43
6.0
50
1000
0.25
0.5
33
26
0.060
0.095
BZX85C
47
4.0
90
1500
0.25
0.5
36
23
0.060
0.095
BZX85C
51
4.0
115
1500
0.25
0.5
39
21
0.060
0.095
BZX85C
56
4.0
120
2000
0.25
0.5
43
19
0.060
0.095
BZX85C
62
4.0
125
2000
0.25
0.5
47
16
0.060
0.095
BZX85C
68
4.0
130
2000
0.25
0.5
51
15
0.055
0.095
BZX85C
75
4.0
135
2000
0.25
0.5
56
14
0.055
0.095
BZX85C
82
2.7
200
3000
0.25
0.5
62
12
0.055
0.095
BZX85C
91
2.7
250
3000
0.25
0.5
68
10
0.055
0.095
BZX85C
100
2.7
350
3000
0.25
0.5
75
9.4
0.055
0.095
BZX85C
110
2.7
450
4000
0.25
0.5
82
8.6
0.055
0.095
BZX85C
120
2.0
550
4500
0.25
0.5
91
7.8
0.055
0.095
BZX85C
130
2.0
700
5000
0.25
0.5
100
7.0
0.055
0.095
BZX85C
150
2.0
1000
6000
0.25
0.5
110
6.4
0.055
0.095
BZX85C
160
1.5
1100
6500
0.25
0.5
120
5.8
0.055
0.095
BZX85C
180
1.5
1200
7000
0.25
0.5
130
5.2
0.055
0.095
BZX85C
200
1.5
1500
8000
0.25
0.5
150
4.7
0.055
0.095
2 of 2
α
mvz(% / °C)


Numéro de pièce similaire - BZXC3V

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Jing Heng Electro...
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C3V3 JINGHENG-BZX1-5C3V3 Datasheet
51Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX1.5C SEMTECH_ELEC-BZX1.5C Datasheet
162Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
BZX1.5C DGNJDZ-BZX1.5C Datasheet
72Kb / 2P
   Silicon Planar Power Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BZX1.5C10 SEMTECH_ELEC-BZX1.5C10 Datasheet
162Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Description similaire - BZXC3V

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
ZPY3.9 SUNMATE-ZPY3.9 Datasheet
103Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0 Datasheet
278Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
1N5913B SUNMATE-1N5913B Datasheet
346Kb / 2P
   1.5 Watts Axial Leaded Zener Diodes
ZY3.6 SUNMATE-ZY3.6 Datasheet
115Kb / 2P
   2 Watts Axial Leaded Zener Diodes
BZW03C7V5 SUNMATE-BZW03C7V5 Datasheet
90Kb / 2P
   6 Watts Axial Leaded Zener Diodes
SZ252H SUNMATE-SZ252H Datasheet
69Kb / 2P
   1.3 Watts Surface Mount Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
   2Watts Axial leaded Zener Diodes
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com