Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZW04P11A Fiches technique(PDF) 6 Page - SUNMATE electronic Co., LTD

No de pièce BZW04P11A
Description  400 Watts Axial Leaded Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW04P11A Fiches technique(HTML) 6 Page - SUNMATE electronic Co., LTD

  BZW04P11A Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW04P11A Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW04P11A Datasheet HTML 3Page - SUNMATE electronic Co., LTD BZW04P11A Datasheet HTML 4Page - SUNMATE electronic Co., LTD BZW04P11A Datasheet HTML 5Page - SUNMATE electronic Co., LTD BZW04P11A Datasheet HTML 6Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10
0.1
1
0.01
0
100
500
TA=25℃
100
200
300
400
MEASURED ATDEVICES
STAND-OFF VOLTAGE, VWM
100.000
1000
10.000
10
1.0
10
100
MEASURED at
STAND-OFF
VOLTAGE, VWM
200
TJ=25
f=1.0MHZ
Vsig=50mVp-p
MEASURED at
ZEROBIAS
150
50
100
0
01.0
2.0
tr=10¦ Μ
sec
3.0
4.0
PEAK VALUE
IPPM
HALF VALUE - IPPM
2
PULES WIDTH (td)
is DEFINDE as the
POINT WHERE the
PEAK CURRENT
DECAYS to 50% of
IPPM
10/1000¦ Μ
sec.
WAVEFORM as
DEFINDE by R.E.A.
td
FIG.7 -- TYPICAL REVERSE LEAKAGE
JJJJJJJJJJJJJJJJJJCHARACTERISTICS
FIG.6 -- MAXIMUN NON-REPETITIVE FORWARD
HHHH H
SURGE CURRENT UNIDIRECTIONAL ONLY
FIG.5 -- STEADY STATE POWER DERATING CURVE
t, TIME, ms
V(BR), BREAKDOWNVOLTAGE, V
NUMBEROFCYCLES AT60 Hz
V(BR), BREAKDOWNVOLTAGE, V
tol, PULSEWIDTH, SEC.
FIG.3 -- PULSEWAVEFORM
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
H HHHHHHHH HUNIDIRECTIONAL
TA, AMBIENT TEMPERATURE.
FIG.1 -- PEAK PULSE POWER RATING CURVE
TL, LEADTEMPERATURE,
FIG.2 -- PULSE DERATING CURVE
100
1.0
10
0.1
0.1μs1.0μs10μs
100μs
0.1ms
10ms
NON-REPETITIVE
PULSE WAVEFORM
SHOWN if FIG.3
TA=25
100
75
25
50
0
025
75
50
125
100
150
200
175
1.00
0.75
0.25
0.50
0
025
75
50
200
100
125
150
175
L=0.375"(9.5mm)
LEAD LENGTHS
1.6 x 1.6 x .040"
(40 x 40 x 1mm.)
COPPER HEAT SINKS
60 HZ
RESISTIVEOR
INDUCTIVE LOAD
50
40
30
10
20
0
1100
10
TJ=TJ max.
8.3ms SINGLE HALF SINE-MAVE
(JEDEC METHOD)
6of6


Numéro de pièce similaire - BZW04P11A

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BZW04P11 EIC-BZW04P11 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
BZW04P11 MDE-BZW04P11 Datasheet
200Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
BZW04P11 GE-BZW04P11 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
DB Lectro Inc
BZW04P11 DBLECTRO-BZW04P11 Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04P11 BILIN-BZW04P11 Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - BZW04P11A

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com