Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLU7843 Fiches technique(PDF) 10 Page - Kersemi Electronic Co., Ltd.

No de pièce IRLU7843
Description  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLU7843 Fiches technique(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRLU7843 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLU7843 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLU7843 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLU7843 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLU7843 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLU7843 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLU7843 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLU7843 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRLU7843 Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
6.73 (.265)
6.35 (.250)
- A -
6.22 (.245)
5.97 (.235)
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 (.010)
M A M B
2.28 (.090)
1.14 (.045)
0.76 (.030)
5.46 (.215)
5.21 (.205)
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1.14 (.045)
0.89 (.035)
0.58 (.023)
0.46 (.018)
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
NOTES:
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982.
2 CONTROLLING DIMENSION : INCH.
3 CONFORMS TO JEDEC OUTLINE TO-252AA.
4 DIMENSIONS SHOWN ARE BEFORE SOLDER DIP,
SOLDER DIP MAX. +0.16 (.006).
9.65 (.380)
8.89 (.350)
2X
3X
2.28 (.090)
1.91 (.075)
1.52 (.060)
1.15 (.045)
4
1
2
3
6.45 (.245)
5.68 (.224)
0.58 (.023)
0.46 (.018)
WEEK = 16
DATE CODE
YEAR = 0
Notes: This part marking information applies to devices produced before 02/26/2001
EXAMPLE:
LOT CODE 9U1P
THIS IS AN IRFR120
WITH ASSEMBLY
ASSEMBLY
LOGO
LOT CODE
IRFU120
9U
1P
016
LOGO
LOT CODE
ASSEMBLY
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFR120
YEAR 9 = 1999
DATE CODE
LINE A
WEEK 19
IN THE ASSEMBLY LINE "A"
ASSEMBLED ON WW 19, 1999
LOT CODE 5678
PART NUMBER
Notes: This part marking information applies to devices produced after 02/26/2001
56
IRFU120
919A
78
IRLR/U7843
www.kersemi.com
10
2014-8-25


Numéro de pièce similaire - IRLU7843

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLU7843 IRF-IRLU7843 Datasheet
202Kb / 11P
   HEXFET Power MOSFET
IRLU7843 IRF-IRLU7843 Datasheet
211Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRLU7843 ISC-IRLU7843 Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU7843CPBF IRF-IRLU7843CPBF Datasheet
298Kb / 11P
   HEXFET Power MOSFET
IRLU7843PBF IRF-IRLU7843PBF Datasheet
263Kb / 11P
   HEXFET Power MOSFET
More results

Description similaire - IRLU7843

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com