Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF1310NS Fiches technique(PDF) 2 Page - Kersemi Electronic Co., Ltd.

No de pièce IRF1310NS
Description  Fully Avalanche Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF1310NS Fiches technique(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRF1310NS Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF1310NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF1310NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF1310NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF1310NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF1310NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF1310NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF1310NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF1310NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF1310NS/L
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.11
–––
V/°C
Reference to 25°C, ID = 1mA
…
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.036
VGS = 10V, ID = 22A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
14
–––
–––
S
VDS = 25V, ID = 22A
…
–––
–––
25
µA
VDS = 100V, VGS = 0V
–––
–––
250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
110
ID = 22A
Qgs
Gate-to-Source Charge
–––
–––
15
nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
58
VGS = 10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 50V
tr
Rise Time
–––
56
–––
ID = 22A
td(off)
Turn-Off Delay Time
–––
45
–––
RG = 3.6Ω
tf
Fall Time
–––
40
–––
RD = 2.9Ω, See Fig. 10
„…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
1900 –––
VGS = 0V
Coss
Output Capacitance
–––
450
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
230
–––
ƒ = 1.0MHz, See Fig. 5
…
IGSS
ns
IDSS
Drain-to-Source Leakage Current
nH
7.5
LS
Internal Source Inductance
‚ Starting T
J = 25°C, L = 1.7mH
RG = 25Ω, IAS = 22A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
ƒ I
SD ≤ 22A, di/dt ≤ 180A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Uses IRF1310N data and test conditions
** When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended soldering techniques refer to application note #AN-994.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
…
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS =22A, VGS = 0V
„
trr
Reverse Recovery Time
–––
180
270
ns
TJ = 25°C, IF = 22A
Qrr
Reverse Recovery Charge
–––
1.2
1.8
µC
di/dt = 100A/µs
„…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
S
D
G
42
140
A
2014-8-30
2
www.kersemi.com


Numéro de pièce similaire - IRF1310NS

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF1310NS IRF-IRF1310NS Datasheet
156Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
logo
Inchange Semiconductor ...
IRF1310NS ISC-IRF1310NS Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1310NSPBF IRF-IRF1310NSPBF Datasheet
725Kb / 11P
   HEXFET Power MOSFET
IRF1310NSPBF IRF-IRF1310NSPBF Datasheet
726Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRF1310NSPBF IRF-IRF1310NSPBF_15 Datasheet
726Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Description similaire - IRF1310NS

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF_15 Datasheet
273Kb / 9P
   FULLY AVALANCHE RATED
logo
Kersemi Electronic Co.,...
IRF1010NS KERSEMI-IRF1010NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
International Rectifier
IRLRU3410 IRF-IRLRU3410 Datasheet
167Kb / 10P
   Logic Level Gate Drive / Fully Avalanche Rated
AUIRLR024N IRF-AUIRLR024N Datasheet
328Kb / 13P
   Advanced Planar Technology Low On-Resistance Fully Avalanche Rated
logo
Infineon Technologies A...
BSL716SN INFINEON-BSL716SN Datasheet
533Kb / 10P
   Avalanche rated
Rev 2.0 2014-09-30
BSL303SPE INFINEON-BSL303SPE Datasheet
417Kb / 10P
   Avalanche rated
Rev 2.0 2014-11-18
logo
STMicroelectronics
STPS30H60C STMICROELECTRONICS-STPS30H60C Datasheet
281Kb / 11P
   Avalanche rated
March 2007 Rev 2
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
logo
Micross Components
FFH50US60S MICROSS-FFH50US60S Datasheet
711Kb / 3P
   Avalanche Energy Rated
logo
NXP Semiconductors
BUK9Y3R0-40E NXP-BUK9Y3R0-40E Datasheet
325Kb / 13P
   Repetitive avalanche rated
12 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com