Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF830S Fiches technique(PDF) 3 Page - Kersemi Electronic Co., Ltd.

No de pièce IRF830S
Description  Available in Tape and Reel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF830S Fiches technique(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRF830S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
91064_01
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 25 °C
4.5 V
VDS, Drain-to-Source Voltage (V)
100
101
101
100
10-1
101
100
10-1
100
101
VDS, Drain-to-Source Voltage (V)
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 150 °C
91064_02
4.5 V
20 µs Pulse Width
V
DS = 50 V
101
100
10-1
VGS, Gate-to-Source Voltage (V)
56
7
8
910
4
25
°C
150
°C
91064_03
I
D = 3.1 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
91064_04
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160
IRF830S, SiHF830S
2014-8-28
3
www.kersemi.com


Numéro de pièce similaire - IRF830S

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF830S IRF-IRF830S Datasheet
175Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
logo
Vishay Siliconix
IRF830S VISHAY-IRF830S Datasheet
179Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
Guangdong Kexin Industr...
IRF830S KEXIN-IRF830S Datasheet
1Mb / 6P
   N-Channel MOSFET
logo
Vishay Siliconix
IRF830S VISHAY-IRF830S Datasheet
238Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRF830SPBF IRF-IRF830SPBF Datasheet
329Kb / 9P
   HEXFET짰 Power MOSFET
More results

Description similaire - IRF830S

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
   Available in Tape and Reel
IRF9540S KERSEMI-IRF9540S Datasheet
778Kb / 8P
   Available in Tape and Reel
logo
Anaren Microwave
XDL21-6-117 ANAREN-XDL21-6-117 Datasheet
363Kb / 3P
   Available in Tape & Reel
logo
DinTek Semiconductor Co...
DTL1N60 DINTEK-DTL1N60 Datasheet
3Mb / 12P
   Power MOSFET Available in Tape and Reel
DTL2N60 DINTEK-DTL2N60_13 Datasheet
3Mb / 11P
   Power MOSFET Available in Tape and Reel
logo
M/A-COM Technology Solu...
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
   Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
   Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
   Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
   Available on tape and reel
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com