Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP05 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce TMP05
Description  0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

TMP05 Fiches technique(HTML) 4 Page - Analog Devices

  TMP05_15 Datasheet HTML 1Page - Analog Devices TMP05_15 Datasheet HTML 2Page - Analog Devices TMP05_15 Datasheet HTML 3Page - Analog Devices TMP05_15 Datasheet HTML 4Page - Analog Devices TMP05_15 Datasheet HTML 5Page - Analog Devices TMP05_15 Datasheet HTML 6Page - Analog Devices TMP05_15 Datasheet HTML 7Page - Analog Devices TMP05_15 Datasheet HTML 8Page - Analog Devices TMP05_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TMP05/TMP06
Data Sheet
Rev. C | Page 4 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TMP05 OUTPUT (PUSH-PULL)3
Output High Voltage (V
OH)
V
DD − 0.3
V
I
OH = 800 µA
Output Low Voltage (V
OL)
0.4
V
I
OL = 800 µA
Output High Current (I
OUT)
4
2
mA
Typ V
OH = 3.17 V with VDD = 3.3 V
Pin Capacitance
10
pF
Rise Time (t
LH)
5
50
ns
Fall Time (t
HL)
5
50
ns
R
ON Resistance (Low Output)
55
Supply and temperature dependent
TMP06 OUTPUT (OPEN DRAIN)3
Output Low Voltage (V
OL)
0.4
V
I
OL = 1.6 mA
Output Low Voltage (V
OL)
1.2
V
I
OL = 5.0 mA
Pin Capacitance
10
pF
High Output Leakage Current (I
OH)
0.1
5
µA
PWM
OUT = 5.5 V
Device Turn-On Time
20
ms
Fall Time (t
HL)
6
30
ns
R
ON Resistance (Low Output)
55
Supply and temperature dependent
DIGITAL INPUTS3
Input Current
±1
µA
V
IN = 0 V to VDD
Input Low Voltage (V
IL)
0.3 × V
DD
V
Input High Voltage (V
IH)
0.7 × V
DD
V
Pin Capacitance
3
10
pF
1 It is not recommended to operate the device at temperatures above 125°C for more than a total of 5% (5,000 hours) of the lifetime of the device. Any exposure beyond
this limit affects device reliability.
2 Normal mode current relates to current during T
L. TMP05/TMP06 are not converting during TH, so quiescent current relates to current during TH.
3 Guaranteed by design and characterization, not production tested.
4 It is advisable to restrict the current being pulled from the TMP05 output because any excess currents going through the die cause self-heating. As a consequence,
false temperature readings can occur.
5 Test load circuit is 100 pF to GND.
6 Test load circuit is 100 pF to GND, 10 kΩ to 5.5 V.


Numéro de pièce similaire - TMP05_15

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TMP057-059-32-36 TRANSCOM-TMP057-059-32-36 Datasheet
18Kb / 1P
   5 W GaAs PA PCB Module for 5.8 GHz Application
logo
Analog Devices
TMP05AKS-500RL7 AD-TMP05AKS-500RL7 Datasheet
706Kb / 28P
   짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. 0
TMP05AKS-REEL AD-TMP05AKS-REEL Datasheet
706Kb / 28P
   짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. 0
TMP05AKS-REEL7 AD-TMP05AKS-REEL7 Datasheet
706Kb / 28P
   짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. 0
TMP05AKSZ-500RL7 AD-TMP05AKSZ-500RL7 Datasheet
706Kb / 28P
   짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. 0
More results

Description similaire - TMP05_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP05 AD-TMP05 Datasheet
706Kb / 28P
   짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. 0
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
logo
Texas Instruments
LMT88 TI-LMT88_15 Datasheet
967Kb / 23P
[Old version datasheet]   2.4-V, 10-關A, SC-70 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com