Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RURP640CC Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce RURP640CC
Description  6A, 400V - 600V Ultrafast Dual Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RURP640CC Fiches technique(HTML) 2 Page - Intersil Corporation

  RURP640CC Datasheet HTML 1Page - Intersil Corporation RURP640CC Datasheet HTML 2Page - Intersil Corporation RURP640CC Datasheet HTML 3Page - Intersil Corporation RURP640CC Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6-56
Specifications RURP640CC, RURP650CC, RURP660CC
Electrical Specifications (per leg) TC = +25oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
LIMITS
UNITS
RURP640CC
RURP650CC
RURP660CC
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VF
IF = 6A, TC = +25
oC
-
-
1.5
-
-
1.5
-
-
1.5
V
IF = 6A, TC = +150
oC
-
-
1.2
-
-
1.2
-
-
1.2
V
IR
VR = 400V, TC = +25
oC
-
-
100
------
µA
VR = 500V, TC = +25
oC
-----
100
---
µA
VR = 600V, TC = +25
oC
--------
100
µA
IR
VR = 400V, TC = +150
oC
-
-
500
------
µA
VR = 500V, TC = +150
oC
-----
500
---
µA
VR = 600V, TC = +150
oC
--------
500
µA
tRR
IF = 1A, dIF/dt = 200A/µs
-
-55-
-55-
-55
ns
IF = 6A, dIF/dt = 200A/µs
-
-60-
-60-
-60
ns
tA
IF = 6A, dIF/dt = 200A/µs
-
28
-
-
28
-
-
28
-
ns
tB
IF = 6A, dIF/dt = 200A/µs
-
16
-
-
16
-
-
16
-
ns
QRR
IF = 6A, dIF/dt = 200A/µs
-
150
-
-
150
-
-
150
-
nC
CJ
VR = 10V, IF = 0A
-
25
-
-
25
-
-
25
-
pF
RθJC
--
3
-
-
3
--
3
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
tRR = Reverse recovery time (See Figure 2), summation of tA + tB.
tA = Time to reach peak reverse current (See Figure 2).
tB = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 2).
QRR = Reverse recovery charge.
CJ = Junction Capacitance.
RθJC = Thermal resistance junction to case.
EAVL = Controlled avalanche energy. (See Figures 10 and 11).
pw = pulse width.
D = duty cycle.
FIGURE 1. tRR TEST CIRCUIT
FIGURE 2. tRR WAVEFORMS AND DEFINITIONS
C1
LLOOP
DUT
Q3
R3
Q4
Q2
R1
R2
-V4
Q1
-V2
0
0
+V1
t1
t2
t3
R4
+V3
V1 AMPLITUDE CONTROLS IF
V2 AMPLITUDE CONTROLS dIF/dt
L1 = SELF INDUCTANCE OF
t1 ≥ 5tA(MAX)
t2 > tRR
t3 > 0
L1
R4
tA(MIN)
10
R4 + LLOOP
dt
dIF
IF
tRR
tA
tB
0
IRM
0.25 IRM
VR
VRM


Numéro de pièce similaire - RURP640CC

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
RURP6120CC INTERSIL-RURP6120CC Datasheet
83Kb / 5P
   6A, 1200V Ultrafast Dual Diode
More results

Description similaire - RURP640CC

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
RHRP640CC INTERSIL-RHRP640CC Datasheet
82Kb / 5P
   6A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
   30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
RURP840CC INTERSIL-RURP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Dual Diodes
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
   30A, 400V - 600V Ultrafast Dual Diodes
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
   15A, 400V - 600V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
   15A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
RURG3040CC INTERSIL-RURG3040CC Datasheet
39Kb / 3P
   30A, 400V - 600V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
   6A, 600V Ultrafast Diodes
logo
Intersil Corporation
RURD660 INTERSIL-RURD660 Datasheet
85Kb / 4P
   6A, 600V Ultrafast Diodes
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com