Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP271 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce OP271
Description  High-Speed, Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP271 Fiches technique(HTML) 6 Page - Analog Devices

Back Button OP271_15 Datasheet HTML 2Page - Analog Devices OP271_15 Datasheet HTML 3Page - Analog Devices OP271_15 Datasheet HTML 4Page - Analog Devices OP271_15 Datasheet HTML 5Page - Analog Devices OP271_15 Datasheet HTML 6Page - Analog Devices OP271_15 Datasheet HTML 7Page - Analog Devices OP271_15 Datasheet HTML 8Page - Analog Devices OP271_15 Datasheet HTML 9Page - Analog Devices OP271_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
OP271
–6–
10
1
FREQUENCY – Hz
100k
1M
10k
1k
10
100
20
30
40
50
60
70
80
90
100
110
120
130
TA = 25 C
VS = 15V
TPC 10. CMR vs. Frequency
FREQUENCY – Hz
0
1
100M
20
140
120
100
80
60
40
10M
1M
100k
10k
1k
100
10
TA = 25 C
+PSR
–PSR
TPC 13. PSR vs. Frequency
0
1
5
25
20
15
10
10
–10
TA = 25 C
VS = 15V
8
7
6
5
4
3
2
–5
100
120
140
160
180
FREQUENCY – MHz
PHASE
GAIN
PHASE MARGIN = 62 C
TPC 16. Open-Loop Gain, Phase Shift
vs. Frequency
SUPPLY VOLTAGE – Volts
7
6
3
0
5
20
10
15
5
4
TA = +125 C
TA = +25 C
TA = –55 C
TPC 11. Total Supply Current vs.
Supply Voltage
FREQUENCY – Hz
140
0
110
100M
120
100
80
60
40
20
10M
1M
100k
10k
1k
100
TA = 25 C
VS = 15V
TPC 14. Open-Loop Gain vs.
Frequency
0
20
TA = 25 C
RL = 10k
500
SUPPLY VOLTAGE – Volts
15
10
5
0
1000
1500
2000
TPC 17. Open-Loop Gain vs. Supply
Voltage
TEMPERATURE – C
7
3
125
5
4
6
100
75
50
25
0
–25
–50
–75
VS = 15V
TPC 12. Total Supply Current vs.
Temperature
FREQUENCY – Hz
0
80
60
40
20
10M
1M
100k
10k
1k
–20
TA = 25 C
VS = 15V
TPC 15. Closed-Loop Gain vs.
Frequency
40
VS = 15V
TEMPERATURE – C
125
100
75
50
25
0
–25
–50
–75
150
50
60
70
80
0
2
4
6
8
GBW
m
TPC 18. Gain-Bandwidth Product,
Phase Margin vs. Temperature


Numéro de pièce similaire - OP271_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP271AZ AD-OP271AZ Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271EZ AD-OP271EZ Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271FZ AD-OP271FZ Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271GP AD-OP271GP Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271GS AD-OP271GS Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
More results

Description similaire - OP271_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP271 AD-OP271 Datasheet
411Kb / 10P
   HIGH SPEED DUAL OPERATIONAL AMPLIFIER
OP271 AD-OP271_02 Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP-271 AD-OP-271 Datasheet
411Kb / 10P
   HIGH SPEED, DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM833 TI1-LM833 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High-Speed Audio Operational Amplifier
LM833P TI1-LM833P Datasheet
954Kb / 26P
[Old version datasheet]   DUAL HIGH-SPEED AUDIO OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40123 ZARLINK-ZL40123 Datasheet
325Kb / 16P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
logo
Analog Devices
OP249 AD-OP249 Datasheet
702Kb / 17P
   Dual, Precision JFET High Speed Operational Amplifier
REV. C
OP249 AD-OP249_17 Datasheet
441Kb / 19P
   Precision JFET, High Speed, Dual Operational Amplifier
AD826 AD-AD826 Datasheet
231Kb / 14P
   High-Speed, Low-Power Dual Operational Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com