Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP271 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce OP271
Description  High-Speed, Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP271 Fiches technique(HTML) 5 Page - Analog Devices

  OP271_15 Datasheet HTML 1Page - Analog Devices OP271_15 Datasheet HTML 2Page - Analog Devices OP271_15 Datasheet HTML 3Page - Analog Devices OP271_15 Datasheet HTML 4Page - Analog Devices OP271_15 Datasheet HTML 5Page - Analog Devices OP271_15 Datasheet HTML 6Page - Analog Devices OP271_15 Datasheet HTML 7Page - Analog Devices OP271_15 Datasheet HTML 8Page - Analog Devices OP271_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
–5–
OP271
Typical Performance Characteristics–
FREQUENCY – Hz
3
2
1
1
10
1k
100
4
5
10
20
40
100
TA = 25 C
VS = 15V
1/f CORNER = 40Hz
TPC 1. Voltage Noise Density vs.
Frequency
FREQUENCY – Hz
1.0
0.1
10
1k
100
10.0
10k
TA = 25 C
VS = 15V
1/f CORNER = 40Hz
TPC 4. Current Noise Density vs.
Frequency
–75
0
10
8
6
2
4
–2
TEMPERATURE – C
VS = 15V
VCM = 0V
–50 –25
0
25
5075
100 125
TPC 7. Input Bias Current vs.
Temperature
SUPPLY VOLTAGE – Volts
5
0
5
10
TA = 25 C
15
20
25
10
15
20
AT 10Hz
AT 1kHz
TPC 2. Voltage Noise Density vs.
Supply Voltage
TEMPERATURE – C
120
0
VS = 15V
100
80
60
40
20
–20
125
100
75
50
25
0
–25
–50
–75
TPC 5. Input Offset Voltage vs.
Temperature
–75 –50 –25
0
25
50
75
100 125
0
5
3
1
2
4
–5
TEMPERATURE – C
–4
–3
–2
–1
TPC 8. Input Offset Current vs.
Temperature
FREQUENCY – Hz
0.001
10
100
10k
1k
0.01
0.1
TA = 25 C
VS = 15V
VO = 10Vp-p
RL = 2k
AV = 100
AV = 10
AV = 1
TPC 3. Total Harmonic Distortion vs.
Frequency
0
01
5
234
TIME – Minutes
TA = 25 C
VS = 15V
10
9
8
7
6
5
4
3
2
1
TPC 6. Warm-Up Offset Voltage Drift
–12.5
–7.5
0
–2.5
2.5
7.5
7
6
2
4
3
COMMON MODE VOLTAGE – Volts
TA = 25 C
VS = 15V
5
12.5
TPC 9. Input Bias Current vs.
Common-Mode Voltage


Numéro de pièce similaire - OP271_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP271AZ AD-OP271AZ Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271EZ AD-OP271EZ Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271FZ AD-OP271FZ Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271GP AD-OP271GP Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271GS AD-OP271GS Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
More results

Description similaire - OP271_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP271 AD-OP271 Datasheet
411Kb / 10P
   HIGH SPEED DUAL OPERATIONAL AMPLIFIER
OP271 AD-OP271_02 Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP-271 AD-OP-271 Datasheet
411Kb / 10P
   HIGH SPEED, DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM833 TI1-LM833 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High-Speed Audio Operational Amplifier
LM833P TI1-LM833P Datasheet
954Kb / 26P
[Old version datasheet]   DUAL HIGH-SPEED AUDIO OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40123 ZARLINK-ZL40123 Datasheet
325Kb / 16P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
logo
Analog Devices
OP249 AD-OP249 Datasheet
702Kb / 17P
   Dual, Precision JFET High Speed Operational Amplifier
REV. C
OP249 AD-OP249_17 Datasheet
441Kb / 19P
   Precision JFET, High Speed, Dual Operational Amplifier
AD826 AD-AD826 Datasheet
231Kb / 14P
   High-Speed, Low-Power Dual Operational Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com