Moteur de recherche de fiches techniques de composants électroniques |
|
OP220CJ Fiches technique(PDF) 2 Page - Analog Devices |
|
OP220CJ Fiches technique(HTML) 2 Page - Analog Devices |
2 / 12 page REV. A –2– OP220–SPECIFICATIONS OP220A/E OP220F OP220C/G Parameter Symbol Conditions Min Typ Max Min Typ Max Min Typ Max Unit Input Offset Voltage VOS VS = ±2.5 V to ±15 V 120 150 250 300 500 750 mV Input Offset Current IOS VCM = 0 0.15 1.5 0.2 2 0.2 3.5 nA Input Bias Current IB VCM = 0 12 2013 25 1430 nA Input Voltage Range IVR V+ = 5 V, V– = 0 V 0/3.5 0/3.5 0/3.5 V VS = ±15 V –15/+13.5 –15/+13.5 –15/+13.5 V Common-Mode CMRR V+ = 5 V, V– = 0 V 90 100 85 90 75 85 dB Rejection Ratio 0 V £ VCM £ 3.5 V VS = ±15 V 95 100 90 95 80 90 dB –15 V £ VCM £ +13.5 V Power Supply PSRR VS = ±2.5 V to ±15 V, 3 10 10 32 32 100 mV/V Rejection Ratio V– = 0 V, V+ = 5 V to 30 V 6 18 18 57 57 180 mV/V Large-Signal AVO V+ = 5 V, V– = 0 V, 500 1,000 500 800 300 500 V/mV Voltage Gain RL = 100 k W, 1 V £ VO £ 3.5 V VS = ±15 V, RL = 25 kW 1,000 2,000 1,000 2,000 800 1,600 V/mV VO = ±10 V Output Voltage VO V+ = 5 V, V– = 0 V 0.7/4 0.7/4 0.8/4 V Swing RL = 10 k W VS = ±15 V, RL = 25 kW±14 ±14 ±14 V Slew Rate * SR RL =25 k W 0.05 0.05 0.05 V/ ms Bandwidth BW AVCL = 1, RL =25 k W 200 200 200 kHz Supply Current ISY VS = ±2.5 V, No Load 100 115 115 125 125 135 mA (Both Amplifiers) VS = ±15 V, No Load 140 170 150 190 205 220 mA *Sample tested. ELECTRICAL CHARACTERISTICS (@ V S = 2.5 V to 15 V, TA = 25 C, unless otherwise noted.) OP220A/E OP220F OP220C/G Parameter Symbol Conditions Min Typ Max Min Typ Max Min Typ Max Unit Input Offset Voltage TCVOS VS = ±15 V 0.75 1.5 1.2 2 2 3 mV/∞C Drift * Input Offset Voltage VOS 200 300 400 500 1,000 1,300 mV Input Offset Current IOS VCM = 0 0.5 2 0.6 2.5 0.6 5 nA Input Bias Current IB VCM = 0 12 2513 30 1440 nA Input Voltage Range IVR V+ = 5 V, V– = 0 V 0/3.2 0/3.2 0/3.2 V VS = ±15 V –15/+13.2 –15/+13.2 –15/+13.2 V Common-Mode CMRR V+ = 5 V, V– = 0 V 86 90 80 85 70 80 dB Rejection Ratio 0 V £ VCM £ 3.2 V VS = ±15 V 90 9585 90 7585 dB –15 V £ VCM £ +13.2 V Power Supply PSRR VS = ±2.5 V to ±15 V, 6 18 18 57 57 180 mV/V Rejection Ratio V– = 0 V, V+ = 5 V to 30 V 10 32 32 100 100 320 mV/V Large-Signal AVO VS = ±15 V, RL = 50 kW 500 1,000 500 800 400 500 V/mV Voltage Gain VO = ±10 V Output Voltage VO V+ = 5 V, V– = 0 V 0.9/3.8 0.9/3.8 1.0/3.8 V Swing RL = 20 k W VS = ±15 V, RL = 50 kW±13.6 ±13.6 ±13.6 V Supply Current ISY VS = ±2.5 V, No Load 135 170 155 185 170 210 mA (Both Amplifiers) VS = ±15 V, No Load 190 250 200 280 275 330 mA *Sample tested. ELECTRICAL CHARACTERISTICS (Vs = 2.5 V to 15 V, –55 C £ TA £ +125 C for OP220A/C, –25 C £ TA £ +85 C for OP220E/F, –40 C £ TA £ +85 C for OP220G unless otherwise noted.) |
Numéro de pièce similaire - OP220CJ |
|
Description similaire - OP220CJ |