Moteur de recherche de fiches techniques de composants électroniques |
|
ACE25C160G Fiches technique(PDF) 6 Page - ACE Technology Co., LTD. |
|
ACE25C160G Fiches technique(HTML) 6 Page - ACE Technology Co., LTD. |
6 / 36 page ACE25C160G Uniform SECTOR Dual and Quad Serial Flash VER 1.5 6 Data Protection The ACE25C160G provide the following data protection methods: Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL bit will return to reset by the following situation: -Power-Up -Write Disable (WRDI) -Write Status Register(WRSR) -Page Program (PP) -Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE) Software Protection Mode: The Block Protect (SEC, TB, BP2, BP1, BP0) bits define the section of the memory array that can be read but not change. Hardware Protection Mode: WP# going low to protected the BP0~SEC bits and SRP0~1 bits. Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from deep Power-Down Mode command. Table1.0 ACE25C160G Protected area size (CMP=0) Status Register Content Memory Content SEC TB BP2 BP1 BP0 Blocks Addresses Density Portion X X 0 0 0 NONE NONE NONE NONE 0 0 0 0 1 31 1F0000H-1FFFFFH 64KB Upper 1/32 0 0 0 1 0 30 to 35 1E0000H-1FFFFFH 128KB Upper 1/16 0 0 0 1 1 28 to 31 1C0000H-1FFFFFH 256KB Upper 1/8 0 0 1 0 0 24 to 31 180000H-1FFFFFH 512KB Upper 1/4 0 0 1 0 1 16 to 31 100000H-1FFFFFH 1M Upper 1/2 0 1 0 0 1 0 to 1 000000H-00FFFFH 64KB Lower 1/32 0 1 0 1 0 0 to 1 000000H-01FFFFH 128KB Lower 1/16 0 1 0 1 1 0 to 3 000000H-03FFFFH 256KB Lower 1/8 0 1 1 0 0 0 to 7 000000H-07FFFFH 512KM Lower 1/4 0 1 1 0 1 0 to 15 000000H-0FFFFFH 1M Lower 1/2 X X 1 1 X 0 to 31 000000H-1FFFFFH 2M ALL 1 0 0 0 1 31 1FF000H-1FFFFFH 4KB Top Block 1 0 0 1 0 31 1FE000H-1FFFFFH 8KB Top Block 1 0 0 1 1 31 1FC000H-1FFFFFH 16KB Top Block 1 0 1 0 X 31 1F8000H-1FFFFFH 32KB Top Block 1 1 0 0 1 0 000000H-000FFFH 4KB Bottom Block 1 1 0 1 0 0 000000H-001FFFH 8KB Bottom Block 1 1 0 1 1 0 000000H-003FFFH 16KB Bottom Block 1 1 1 0 X 0 000000H-007FFFH 32KB Bottom Block |
Numéro de pièce similaire - ACE25C160G |
|
Description similaire - ACE25C160G |