Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7812CV Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce L7812CV
Description  Positive Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

L7812CV Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  L7812CV Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd L7812CV Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd L7812CV Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIP Type
www.kexin.com.cn
1
IC
Positive Voltage Regulator
L7812CV
Features
Output current up to 1.5 A
Output voltages of 12V
Thermal overload protection
Short circuit protection
2 % output voltage tolerance (A version)
1
TO-220
2 3
(0.70)
MAX1.47
#1
10.16 ± 0.20
(1.00x45 )
2.54 ± 0.20
0.80 ± 0.10
9.40 ± 0.20
2.76 ± 0.20
0.35 ± 0.10
ø3.18 ± 0.10
2.54TYP
[2.54 ± 0.20 ]
2.54TYP
[2.54 ± 0.20 ]
0.50 +0.10
–0.05
3. OUTPUT
1. INPUT
2. GND
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Input Voltage for Vo=5 to 18V
35
Input Voltage for Vo=20 , 24V
40
Maximum Output Current
IO
Internally limited
A
Maximum Power Dissipation
PD
Internally limited
W
Thermal Resistance Junction-Ambient
RthJA
50
Thermal Resistance Junction-Case
RthJC
5
Operating Junction Temperature Range
Topr
0 to 125
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-65 to 150
V
VI
/W
Typical Application


Numéro de pièce similaire - L7812CV

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L7812CV STMICROELECTRONICS-L7812CV Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7812CV STMICROELECTRONICS-L7812CV Datasheet
1Mb / 52P
   Positive voltage regulators
L7812CV STMICROELECTRONICS-L7812CV Datasheet
1Mb / 56P
   Positive voltage regulators
L7812CV STMICROELECTRONICS-L7812CV Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
logo
Inchange Semiconductor ...
L7812CV ISC-L7812CV Datasheet
253Kb / 2P
   isc Three Terminal Positive Voltage Regulator
More results

Description similaire - L7812CV

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com