Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL202E Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADXL202E
Description  Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL202E Fiches technique(HTML) 3 Page - Analog Devices

  ADXL202E_15 Datasheet HTML 1Page - Analog Devices ADXL202E_15 Datasheet HTML 2Page - Analog Devices ADXL202E_15 Datasheet HTML 3Page - Analog Devices ADXL202E_15 Datasheet HTML 4Page - Analog Devices ADXL202E_15 Datasheet HTML 5Page - Analog Devices ADXL202E_15 Datasheet HTML 6Page - Analog Devices ADXL202E_15 Datasheet HTML 7Page - Analog Devices ADXL202E_15 Datasheet HTML 8Page - Analog Devices ADXL202E_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
ADXL202E
–3–
ABSOLUTE MAXIMUM RATINGS
*
Acceleration (Any Axis, Unpowered for 0.5 ms) . . . . . . 1000 g
Acceleration (Any Axis, Powered for 0.5 ms) . . . . . . . . . . 500 g
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.0 V
Output Short Circuit Duration, (Any Pin to Common)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
Operating Temperature . . . . . . . . . . . . . . . . –55 C to +125 C
Storage Temperature . . . . . . . . . . . . . . . . . . –65 C to +150 C
*Stresses above those listed under Absolute Maximum Ratings may cause per ma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicate in the opera tional
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Package Characteristics
Package
Weight
JA
JC
Device
8-Lead LCC
120
°C/W
tbd
°C/W
<1.0 grams
ORDERING GUIDE
No.
Specified
Temperature
Package
Package
Model
of Axes
Voltage
Range
Description
Option
ADXL202JE
2
3 V to 5 V
0 to 70 C
8-Lead LCC
E-8
ADXL202AE
2
3 V to 5 V
–40 C to +85 C
8-Lead LCC
E-8
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADXL202E features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Description
1
ST
Self-Test
2
T2
Connect RSET to Set T2 Period
3
COM
Common
4YOUT
Y-Channel Duty Cycle Output
5XOUT
X-Channel Duty Cycle Output
6YFILT
Y-Channel Filter Pin
7XFILT
X-Channel Filter Pin
8VDD
3 V to 5.25 V
Drops onto hard surfaces can cause shocks of greater than 1000 g
and exceed the absolute maximum rating of the device. Care
should be exercised in handling to avoid damage.
PIN CONFIGURATION
1
2
3
5
4
6
7
8
ST
T2
COM
XOUT
YFILT
XFILT
VDD
YOUT
BOTTOM VIEW


Numéro de pièce similaire - ADXL202E_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL202EB AD-ADXL202EB Datasheet
50Kb / 2P
   Dual Axis Accelerometer Evaluation Board
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com