Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL202 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADXL202
Description  Accelerometers with Digital Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL202 Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADXL202_15 Datasheet HTML 3Page - Analog Devices ADXL202_15 Datasheet HTML 4Page - Analog Devices ADXL202_15 Datasheet HTML 5Page - Analog Devices ADXL202_15 Datasheet HTML 6Page - Analog Devices ADXL202_15 Datasheet HTML 7Page - Analog Devices ADXL202_15 Datasheet HTML 8Page - Analog Devices ADXL202_15 Datasheet HTML 9Page - Analog Devices ADXL202_15 Datasheet HTML 10Page - Analog Devices ADXL202_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ADXL202/ADXL210
–11–
REV. B
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Lead CERPAK
(QC-14)
0.291 (7.391)
0.285 (7.239)
0.390 (9.906)
MAX
PIN 1
0.419 (10.643)
0.394 (10.008)
7
14
8
1
0.300 (7.62)
0.345 (8.763)
0.290 (7.366)
0.0125 (0.318)
0.009 (0.229)
0.050 (1.270)
0.016 (0.406)
8
°
0
°
SEATING
PLANE
0.020 (0.508)
0.004 (0.102)
0.020 (0.508)
0.013 (0.330)
0.050
(1.27)
BSC
0.195 (4.953)
0.115 (2.921)
0.215 (5.461)
0.119 (3.023)


Numéro de pièce similaire - ADXL202_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL202AE AD-ADXL202AE Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202AQC AD-ADXL202AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202E AD-ADXL202E Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
ADXL202EB AD-ADXL202EB Datasheet
50Kb / 2P
   Dual Axis Accelerometer Evaluation Board
REV. 0
More results

Description similaire - ADXL202_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL210 AD-ADXL210_15 Datasheet
819Kb / 11P
   Accelerometers with Digital Output
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
logo
Murata Manufacturing Co...
SCA620-EF8H1A MURATA-SCA620-EF8H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA830-D07 MURATA-SCA830-D07_17 Datasheet
171Kb / 2P
   Accelerometers
logo
List of Unclassifed Man...
KXPA4 ETC1-KXPA4 Datasheet
175Kb / 3P
   Accelerometers and Inclinometers Multiplexed Analog Output
logo
Murata Manufacturing Co...
SCA1000-N1000070 MURATA-SCA1000-N1000070 Datasheet
179Kb / 2P
   Accelerometers
SCA3100-D07 MURATA-SCA3100-D07 Datasheet
171Kb / 2P
   Accelerometers
SCA610-E23H1A MURATA-SCA610-E23H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA3100-D04 MURATA-SCA3100-D04 Datasheet
171Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA2120-D06 MURATA1-SCA2120-D06 Datasheet
117Kb / 2P
   Accelerometers
12/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com