Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES11M Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce ES11M
Description  1.0 Amp Surface Mount Efficient Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ES11M Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ES11M_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ES11M_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
ES11M~ES15M
50V ~ 600V
1.0 Amp Surface Mount Efficient Fast Rectifiers
09-Dec-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Small plastic SMD package.
TRR less than 25nS for high efficiency
Low forward drop down voltage
High surge and high current capability.
Superfast recovery time for switching mode application.
Glass-passivated chip junction.
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94-V0 rate flame retardant
Weight: 0.0270 g (approximately)
MARKING
Part Number
Marking
Part Number
Marking
ES11M
E3
ES14M
E4
ES12M
E3
ES15M
E5
ES13M
E3
PACKAGING INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Part Number
Parameters
Symbol
ES11M
ES12M
ES13M
ES14M
ES15M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum Reverse Voltage
VR
50
100
200
400
600
V
Maximum Forward Voltage @ IF=1A
VF
0.875
1.25
1.75
V
Maximum Average Forward Rectified Current
@TA=55°C
IO
1.0
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
30
A
TA=25°C
5
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TA=125°C
IR
100
µA
Reverse Recovery Time
TRR
25
nS
Typical Junction Capacitance
1
CJ
15
pF
Storage and Operating Temperature Range
TSTG, TJ
-65~175, -55~150
°C
Note:
1.
f=1MHz and applied 4V DC reverse voltage
Package
MPQ
Leader Size
SOD-123M
2.5K
7 inch
SOD-123M
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.50
3.90
D
3.60 (MAX.)
B
1.40
1.80
E
0.80 (TYP.)
C
1.30
1.70
F
0.30 (TYP.)
E
E
F
B
C
D
A


Numéro de pièce similaire - ES11M_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
ES11M SECOS-ES11M_11 Datasheet
213Kb / 2P
   50V ~ 600V 1.0 Amp Surface Mount Efficient Fast Rectifiers
More results

Description similaire - ES11M_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
ES11M SECOS-ES11M Datasheet
87Kb / 2P
   1.0 Amp Surface Mount Efficient Fast Rectifiers
ES11M SECOS-ES11M_11 Datasheet
213Kb / 2P
   50V ~ 600V 1.0 Amp Surface Mount Efficient Fast Rectifiers
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A_1 Datasheet
133Kb / 2P
   1.0 AMP. High Efficient Surface Mount Rectifiers
HS1A TSC-HS1A Datasheet
66Kb / 2P
   1.0 AMP. High Efficient Surface Mount Rectifiers
HS1A TSC-HS1A_10 Datasheet
471Kb / 2P
   1.0 AMP. High Efficient Surface Mount Rectifiers
logo
Tiger Electronic Co.,Lt...
US1M TGS-US1M Datasheet
208Kb / 1P
   1.0 AMP, HIGH EFFICIENT RECOVERY SURFACE MOUNT RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF11M SECOS-SUF11M Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A_10 Datasheet
455Kb / 2P
   1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
SMU11A GWSEMI-SMU11A Datasheet
68Kb / 2P
   1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SMF101A GWSEMI-SMF101A Datasheet
68Kb / 2P
   1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com