Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7344 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADV7344
Description  Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7344 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADV7344_15 Datasheet HTML 2Page - Analog Devices ADV7344_15 Datasheet HTML 3Page - Analog Devices ADV7344_15 Datasheet HTML 4Page - Analog Devices ADV7344_15 Datasheet HTML 5Page - Analog Devices ADV7344_15 Datasheet HTML 6Page - Analog Devices ADV7344_15 Datasheet HTML 7Page - Analog Devices ADV7344_15 Datasheet HTML 8Page - Analog Devices ADV7344_15 Datasheet HTML 9Page - Analog Devices ADV7344_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
ADV7344
Data Sheet
Rev. B | Page 6 of 108
FUNCTIONAL BLOCK DIAGRAM
R
GND_IO
VDD_IO
8-/10-/16-/20-/
24-/30-BIT
SD
VIDEO
DATA
VIDEO
DATA
S_HSYNC
P_HSYNC P_VSYNC P_BLANK
S_VSYNC
14-BIT
DAC 1
DAC 1
14-BIT
DAC 2
DAC 2
14-BIT
DAC 3
DAC 3
14-BIT
DAC 4
DAC 4
14-BIT
DAC 5
DAC 5
14-BIT
DAC 6
DAC 6
REFERENCE
AND CABLE
DETECT
16x/4x OVERSAMPLING
DAC PLL
VIDEO TIMING GENERATOR
POWER
MANAGEMENT
CONTROL
CLKIN (2) PVDD PGND EXT_LF (2) VREF COMP (2)
RSET (2)
SDR/DDR
ED/HD INPUT
4:2:2 TO 4:4:4
DEINTERLEAVE
PROGRAMMABLE
HDTV FILTERS
SHARPNESS AND
ADAPTIVE FILTER
CONTROL
YCbCr
HDTV
TEST
PATTERN
GENERATOR
G/B
RGB
ASYNC
BYPASS
RGB
DGND (2)
VDD (2)
SCL
SDA
ALSB
SFL
MPU PORT
SUBCARRIER FREQUENCY
LOCK (SFL)
YCrCb
TO
RGB
PROGRAMMABLE
CHROMINANCE
FILTER
ADD
BURST
RGB
TO
YCrCb
MATRIX
4:2:2 TO 4:4:4
SD
DEINTERLEAVE
SIN/COS DDS
BLOCK
16×
FILTER
16×
FILTER
FILTER
AGND
VAA
ADD
SYNC
VBI DATA SERVICE
INSERTION
PROGRAMMABLE
LUMINANCE
FILTER
ADV7344
8-/10-/16-/20-/
24-/30-BIT
ED/HD
YCbCr
TO
RGB MATRIX
Figure 1.


Numéro de pièce similaire - ADV7344_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7344BSTZ AD-ADV7344BSTZ Datasheet
1Mb / 88P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. 0
More results

Description similaire - ADV7344_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7344 AD-ADV7344 Datasheet
1Mb / 88P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. 0
ADV7340 AD-ADV7340_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7341 AD-ADV7341_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7340 AD-ADV7340 Datasheet
1Mb / 88P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
REV. 0
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7342 AD-ADV7342_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7343 AD-ADV7343_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com