Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7341 Fiches technique(PDF) 39 Page - Analog Devices |
|
ADV7341 Fiches technique(HTML) 39 Page - Analog Devices |
39 / 108 page Data Sheet ADV7340/ADV7341 Rev. C | Page 39 of 108 SR7 to Bit Number1 Register Reset SR0 Register Bit Description 7 6 5 4 3 2 1 0 Setting Value 0x51 ED/HD Gamma B3 ED/HD Gamma Curve B (Point 64) x x x x x x x x B3 0x00 0x52 ED/HD Gamma B4 ED/HD Gamma Curve B (Point 80) x x x x x x x x B4 0x00 0x53 ED/HD Gamma B5 ED/HD Gamma Curve B (Point 96) x x x x x x x x B5 0x00 0x54 ED/HD Gamma B6 ED/HD Gamma Curve B (Point 128) x x x x x x x x B6 0x00 0x55 ED/HD Gamma B7 ED/HD Gamma Curve B (Point 160) x x x x x x x x B7 0x00 0x56 ED/HD Gamma B8 ED/HD Gamma Curve B (Point 192) x x x x x x x x B8 0x00 0x57 ED/HD Gamma B9 ED/HD Gamma Curve B (Point 224) x x x x x x x x B9 0x00 1 x = Logic 0 or Logic 1. Table 26. Register 0x58 to Register 0x5D SR7 to Bit Number1 Register Reset SR0 Register Bit Description 7 6 5 4 3 2 1 0 Setting Value 0x58 ED/HD Adaptive Filter Gain 1 ED/HD Adaptive Filter Gain 1, Value A 0 0 0 0 Gain A = 0 0x00 0 0 0 1 Gain A = +1 … … … … … 0 1 1 1 Gain A = +7 1 0 0 0 Gain A = −8 … … … … … 1 1 1 1 Gain A = −1 ED/HD Adaptive Filter Gain 1, Value B 0 0 0 0 Gain B = 0 0 0 0 1 Gain B = +1 … … … … … 0 1 1 1 Gain B = +7 1 0 0 0 Gain B = −8 … … … … … 1 1 1 1 Gain B = −1 0x59 ED/HD Adaptive Filter Gain 2 ED/HD Adaptive Filter Gain 2, Value A 0 0 0 0 Gain A = 0 0x00 0 0 0 1 Gain A = +1 … … … … … 0 1 1 1 Gain A = +7 1 0 0 0 Gain A = −8 … … … … … 1 1 1 1 Gain A = −1 ED/HD Adaptive Filter Gain 2, Value B 0 0 0 0 Gain B = 0 0 0 0 1 Gain B = +1 … … … … … 0 1 1 1 Gain B = +7 1 0 0 0 Gain B = −8 … … … … … 1 1 1 1 Gain B = −1 0x5A ED/HD Adaptive Filter Gain 3 ED/HD Adaptive Filter Gain 3, Value A 0 0 0 0 Gain A = 0 0x00 0 0 0 1 Gain A = +1 … … … … … 0 1 1 1 Gain A = +7 1 0 0 0 Gain A = −8 … … … … … 1 1 1 1 Gain A = −1 ED/HD Adaptive Filter Gain 3, Value B 0 0 0 0 Gain B = 0 0 0 0 1 Gain B = +1 … … … … … 0 1 1 1 Gain B = +7 1 0 0 0 Gain B = −8 … … … … … 1 1 1 1 Gain B = −1 |
Numéro de pièce similaire - ADV7341_15 |
|
Description similaire - ADV7341_15 |