Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7196A Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADV7196A
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7196A Fiches technique(HTML) 1 Page - Analog Devices

  ADV7196A_15 Datasheet HTML 1Page - Analog Devices ADV7196A_15 Datasheet HTML 2Page - Analog Devices ADV7196A_15 Datasheet HTML 3Page - Analog Devices ADV7196A_15 Datasheet HTML 4Page - Analog Devices ADV7196A_15 Datasheet HTML 5Page - Analog Devices ADV7196A_15 Datasheet HTML 6Page - Analog Devices ADV7196A_15 Datasheet HTML 7Page - Analog Devices ADV7196A_15 Datasheet HTML 8Page - Analog Devices ADV7196A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADV7196A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Multiformat Progressive Scan/HDTV
Encoder with Three 11-Bit DACs,
10-Bit Data Input, and Macrovision
FUNCTIONAL BLOCK DIAGRAM
CGMS
MACROVISION
SHARPNESS
FILTER CONTROL
AND
ADAPTIVE
FILTER CONTROL
TEST PATTERN
GENERATOR
AND
DELAY
AND
GAMMA
CORRECTION
Y0–Y9
Cr0–Cr9
Cb0–Cb9
CHROMA
4:2:2
TO
4:4:4
(SSAF)
2
INTER-
POLATION
TIMING
GENERATOR
SYNC
GENERATOR
I
2C MPU
PORT
CLKIN
HORIZONTAL
SYNC
VERTICAL
SYNC
BLANKING
RESET
ADV7196A
DAC CONTROL
BLOCK
DAC A (Y)
DAC B
DAC C
V
REF
RESET
COMP
11-BIT+
SYNC
DAC
11-BIT
DAC
11-BIT
DAC
LUMA
SSAF
CHROMA
4:2:2
TO
4:4:4
(SSAF)
FEATURES
INPUT FORMATS
YCrCb in 2
10-Bit (4:2:2) or 3
10-Bit (4:4:4) Format
Compliant to SMPTE-293M (525p), ITU-R.BT1358
(625p), SMPTE274M (1080i), SMPTE296M (720p) and
Any Other High Definition Standard Using Async
Timing Mode
RGB in 3
10 Bit (4:4:4) Format
OUTPUT FORMATS
YPrPb Progressive Scan (EIA-770.1, EIA-770.2)
YPrPb HDTV (EIA-770.3)
RGB Levels Compliant to RS-170 and RS-343A
11-Bit and Sync (DAC A)
11-Bit DACs (DAC B, DAC C)
PROGRAMMABLE FEATURES
Internal Test Pattern Generator with Color Control
Y/C Delay ( )
Gamma Correction
Individual DAC On/Off Control
54 MHz Output (2
Oversampling)
Sharpness Filter with Programmable Gain/Attenuation
Programmable Adaptive Filter Control
Undershoot Limiter
I2C® Filter
VBI Open Control
Macrovision Rev. 1.0 (525p)
CGMS-A (525p)
2-Wire Serial MPU Interface
Single Supply 3.3 V Operation
52-MQFP Package
APPLICATIONS
Progressive Scan/HDTV Display Devices
DVD Players
MPEG 2 at 81 MHz
Progressive Scan/HDTV Projection Systems
Digital Video Systems
High Resolution Color Graphics
Image Processing/Instrumentation
Digital Radio Modulation/Video Signal Reconstruction
I
2C is a registered trademark of Philips Corporation.
GENERAL DESCRIPTION
The ADV7196A is a triple high-speed, digital-to-analog encoder
on a single monolithic chip. It consists of three high-speed video
D/A converters with TTL-compatible inputs.
The ADV7196A has three separate 10-bit-wide input ports which
accept data in 4:4:4 10-bit YCrCb or RGB or 4:2:2 10-bit YCrCb.
This data is accepted in progressive scan format at 27 MHz or
HDTV format at 74.25 MHz or 74.1758 MHz. For any other
high-definition standard but SMPTE 293M, ITU-R BT.1358,
SMPTE274M or SMPTE296M the Async Timing Mode can be
used to input data to the ADV7196A. For all standards, external
horizontal, vertical, and blanking signals or EAV/SAV codes control
the insertion of appropriate synchronization signals into the digital
data stream and therefore the output signals.
The ADV7196A outputs analog YPrPb progressive scan format
complying to EIA-770.1, EIA-770.2; YPrPb HDTV complying
to EIA-770.3; RGB complying to RS-170/RS-343A.
The ADV7196A requires a single 3.3 V power supply, an
optional external 1.235 V reference and a 27 MHz clock in
Progressive Scan Mode or a 74.25 MHz (or 74.1758 MHz)
clock in HDTV mode.
In Progressive Scan Mode, a sharpness filter with programmable
gain allows high-frequency enhancement on the luminance signal.
Programmable Adaptive Filter Control, which may be used, allows
removal of ringing on the incoming Y data. The ADV7196A
supports CGMS-A data control generation and the Macrovision
Anticopy algorithm in 525p mode.
The ADV7196A is packaged in a 52-lead MQFP package.


Numéro de pièce similaire - ADV7196A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7196AKS AD-ADV7196AKS Datasheet
501Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results

Description similaire - ADV7196A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7196A AD-ADV7196A Datasheet
501Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com