Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB1620FCT Fiches technique(PDF) 2 Page - Yea Shin Technology Co., Ltd

No de pièce SB1620FCT
Description  16 AMPERE SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SB1620FCT Fiches technique(HTML) 2 Page - Yea Shin Technology Co., Ltd

  SB1620FCT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SB1620FCT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd SB1620FCT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd SB1620FCT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.03 20140325
SB1620FCT~SB16150FCT
DEVICE CHARACTERISTICS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHRACTERISTICS
Fig.4- MAXIMUM NON - REPETITIVE SURGE
CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTIC
CASE TEMPERATURE, C
O
0
50
100
150
20.0
16.0
12.0
8.0
4.0
0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NO. OF CYCLE AT 60HZ
240
210
180
150
120
90
60
30
0
12
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
10
1.0
0.1
0.01
0.001
20
40
60
80
100
120 140
T=25 C
J
O
T=75 C
J
O
T =100 C
J
O
150V
20-100V
.3
.4
.5
.6
.7
.8 0.9
1.0
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
T= 25 C
Pulse Width = 300 s
1% Duty Cycle
J
O
m
150V
20,30,40V
50,60V
80,100V


Numéro de pièce similaire - SB1620FCT

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SB1620FCT WTE-SB1620FCT Datasheet
41Kb / 3P
   16A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SB1620FCT FORMOSA-SB1620FCT Datasheet
40Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1620FCT WTE-SB1620FCT Datasheet
49Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1620FCT PANJIT-SB1620FCT Datasheet
432Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB1620FCT PACELEADER-SB1620FCT Datasheet
163Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SB1620FCT

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
MBR1635 FAIRCHILD-MBR1635 Datasheet
36Kb / 3P
   16 Ampere Schottky Barrier Rectifiers
logo
Yea Shin Technology Co....
MBR1620CT YEASHIN-MBR1620CT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB820 TRSYS-SB820 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
   3.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB220 TRSYS-SB220 Datasheet
157Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com