Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD034 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce BD034
Description  PNP General Purpose Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BD034 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BD034_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Elektronische Bauelemente
BD034
PNP General Purpose Transistor
28-Jan-2014 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
High Current
High Transition Frequency
CLASSIFICATION OF hFE
Product-Rank
BD034-R
BD034-S
BD034-T
Range
100~200
140~280
200~400
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector - Base Voltage
VCBO
-110
V
Collector - Emitter Voltage
VCEO
-95
V
Emitter - Base Voltage
VEBO
-7
V
Collector Current -Continuous
IC
-2.5
A
Collector Power Dissipation
PC
1.25
W
Maximum Junction to Ambient
RθJA
100
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector - Base Breakdown Voltage
V(BR)CBO
-110
-
-
V
IC= -0.1mA, IE=0
Collector-emitter sustaining voltage
1
VCEO(SUS)
-95
-
-
V
IC= -10mA, IB=0
Emitter - Base Breakdown Voltage
V(BR)EBO
-7
-
-
V
IC=0, IE= -0.1mA
Collector Cut - Off Current
ICBO
-
-
-1
µA
VCB= -100V, IE= 0
Emitter Cut-Off Current
IEBO
-
-
-1
µA
VEB= -5V, IC= 0
100
-
400
VCE= -2V, IC= -100mA
DC Current Gain
1
hFE
40
-
-
VCE= -2V, IC= -1.5mA
Collector - Emitter Saturation Voltage
1
VCE(sat)
-
-
-0.5
V
IC= -2A, IB = -200mA
Base – Emitter Voltage
1
VBE
-
-
-1
V
VCE= -5V, IC= -500mA
Transition frequency
fT
3
-
-
MHz
VCE= -1V, IC= -250mA, f=1MHz
TO-126
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
C
D
B
A
E
N
F
L
G
K
J
H
M
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
7.40
7.80
H
1.10
1.50
B
2.50
2.90
J
0.45
0.60
C
10.60
11.00
K
0.66
0.86
D
15.30
15.70
L
2.10
2.30
E
3.70
3.90
M
1.17
1.37
F
3.90
4.10
N
3.00
3.20
G
2.29 TYP.


Numéro de pièce similaire - BD034_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BD034-R SECOS-BD034-R Datasheet
80Kb / 1P
   BD034
BD034-S SECOS-BD034-S Datasheet
80Kb / 1P
   BD034
BD034-T SECOS-BD034-T Datasheet
80Kb / 1P
   BD034
logo
Jiangsu Changjiang Elec...
BD034-TO-126 JIANGSU-BD034-TO-126 Datasheet
96Kb / 2P
   TRANSISTOR (PNP)
logo
Nanjing International G...
BD034-TU DGNJDZ-BD034-TU Datasheet
996Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
More results

Description similaire - BD034_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com