Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7180 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADV7180
Description  10-Bit, 4 Oversampling SDTV Video Decoder
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7180 Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADV7180_15 Datasheet HTML 7Page - Analog Devices ADV7180_15 Datasheet HTML 8Page - Analog Devices ADV7180_15 Datasheet HTML 9Page - Analog Devices ADV7180_15 Datasheet HTML 10Page - Analog Devices ADV7180_15 Datasheet HTML 11Page - Analog Devices ADV7180_15 Datasheet HTML 12Page - Analog Devices ADV7180_15 Datasheet HTML 13Page - Analog Devices ADV7180_15 Datasheet HTML 14Page - Analog Devices ADV7180_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
Data Sheet
ADV7180
ANALOG SPECIFICATIONS
Guaranteed by characterization. AVDD = 1.71 V to 1.89 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 1.62 V to 3.6 V, PVDD = 1.65 V to 2.0 V, specified
at operating temperature range, unless otherwise noted.
Table 6.
Parameter
Test Conditions
Min
Typ
Max
Unit
CLAMP CIRCUITRY
External Clamp Capacitor
0.1
µF
Input Impedance
Clamps switched off
10
MΩ
Large-Clamp Source Current
0.4
mA
Large-Clamp Sink Current
0.4
mA
Fine Clamp Source Current
10
µA
Fine Clamp Sink Current
10
µA
THERMAL SPECIFICATIONS
Table 7.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
THERMAL CHARACTERISTICS
Junction-to-Ambient Thermal
Resistance (Still Air)
θJA
4-layer PCB with solid ground plane, 32-lead LFCSP
32.5
°C/W
Junction-to-Case Thermal Resistance
θJC
4-layer PCB with solid ground plane, 32-lead LFCSP
2.3
°C/W
Junction-to-Ambient Thermal
Resistance (Still Air)
θJA
4-layer PCB with solid ground plane, 40-lead LFCSP
30
°C/W
Junction-to-Case Thermal Resistance
θJC
4-layer PCB with solid ground plane, 40-lead LFCSP
3
°C/W
Junction-to-Ambient Thermal
Resistance (Still Air)
θJA
4-layer PCB with solid ground plane, 64-lead LQFP
47
°C/W
Junction-to-Case Thermal Resistance
θJC
4-layer PCB with solid ground plane, 64-lead LQFP
11.1
°C/W
Junction-to-Ambient Thermal
Resistance (Still Air)
θJA
4-layer PCB with solid ground plane, 48-lead LQFP
50
°C/W
Junction-to-Case Thermal Resistance
θJC
4-layer PCB with solid ground plane, 48-lead LQFP
20
°C/W
Rev. J | Page 11 of 114


Numéro de pièce similaire - ADV7180_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
More results

Description similaire - ADV7180_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
   10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
ADV7281 AD-ADV7281 Datasheet
591Kb / 32P
   10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
REV. A
ADV7280A AD-ADV7280A Datasheet
514Kb / 26P
   10-Bit, 4 x Oversampled SDTV Video Decoder with Deinterlacer
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com