Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7172 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7172 Fiches technique(HTML) 2 Page - Analog Devices

  ADV7172_15 Datasheet HTML 1Page - Analog Devices ADV7172_15 Datasheet HTML 2Page - Analog Devices ADV7172_15 Datasheet HTML 3Page - Analog Devices ADV7172_15 Datasheet HTML 4Page - Analog Devices ADV7172_15 Datasheet HTML 5Page - Analog Devices ADV7172_15 Datasheet HTML 6Page - Analog Devices ADV7172_15 Datasheet HTML 7Page - Analog Devices ADV7172_15 Datasheet HTML 8Page - Analog Devices ADV7172_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
REV. B
ADV7172/ADV7173
–2–
FUNCTIONAL BLOCK DIAGRAM
8
8
10-BIT
DAC
RSET1
COMP1
ADV7172/ADV7173
COLOR
DATA
P0
VREF
RSET2
COMP2
P7
DAC E
DAC F
DAC D
DAC A
DAC B
DAC C
BRIGHTNESS AND
CONTRAST CONTROL
+
ADD SYNC
+
INTERPOLATOR
10
LUMA
PROGRAMMABLE
FILTER
+
SHARPNESS
FILTER
SATURATION CONTROL
+
ADD BURST
+
INTERPOLATOR
10
PROGRAMMABLE
CHROMA
FILTER
10
8
8
8
REAL-TIME
CONTROL CIRCUIT
SCRESET/RTC
MODULATOR
+
HUE
CONTROL
10
10
10
10
10-BIT
DAC
10
10-BIT
DAC
10
M
U
L
T
I
P
L
E
X
E
R
Y
U
V
8
4:2:2 TO
4:4:4
INTER-
POLATOR
10
10
SIN/COS
DDS BLOCK
DAC
CONTROL
BLOCK
DAC
CONTROL
BLOCK
10-BIT
DAC
10
10
10
10
10-BIT
DAC
10
10-BIT
DAC
10
M
U
L
T
I
P
L
E
X
E
R
YUV TO
RBG
MATRIX
+
YUV
LEVEL
CONTROL
BLOCK
I2C MPU PORT
HSYNC
FIELD/
VSYNC
BLANK
TTX
TTXREQ
VAA
RESET
TELETEXT
INSERTION BLOCK
YCrCb
TO
YUV
MATRIX
CLOCK
CSO_HSO VSO CLAMP
SCLOCK SDATA
ALSB
VIDEO TIMING
GENERATOR
GND
PAL NTSC
The ADV7172/ADV7173 is designed with four color controls
(hue, contrast, brightness and saturation). All YUV formats
(SMPTE/EBU N10, MII and Betacam) are supported in both
PAL and NTSC.
The output video frames are synchronized with the incoming data
Timing Reference Codes. Optionally the encoder accepts (and can
generate)
HSYNC, VSYNC, and FIELD timing signals. These
timing signals can be adjusted to change pulsewidth and position
while the part is in the master mode. The Encoder requires a
single two times pixel rate (27 MHz) clock for standard opera-
tion. Alternatively the Encoder requires a 24.5454 MHz clock
for NTSC or 29.5 MHz clock for PAL square pixel mode
operation. All internal timing is generated on-chip.
HSO/CSO and VSO TTL outputs, synchronous to the analog
output video, are also available. A programmable CLAMP out-
put signal is also available to enable clamping in either the front
or back porch of the video signal.
A separate teletext port enables the user to directly input teletext
data during the vertical blanking interval.
The ADV7172/ADV7173 modes are set up over a 2-wire serial
bidirectional port (I
2C-Compatible) with two slave addresses.
Functionally the ADV7173 and ADV7172 are the same with the
exception that the ADV7172 can output the Macrovision anti-
copy algorithm.
The ADV7172/ADV7173 is packaged in a 48-lead LQFP pack-
age (1.4 mm thickness).
DATA PATH DESCRIPTION
For PAL B, D, G, H, I, M, N, and NTSC M, N modes, YCrCb
4:2:2 Data is input via the CCIR-656-Compatible Pixel Port at a
27 MHz Data Rate. The Pixel Data is demultiplexed to form
three data paths. Y typically has a range of 16 to 235, Cr, and
Cb typically have a range of 128
± 112; however, it is possible to
input data from 1 to 254 on both Y, Cb, and Cr. The ADV7172/
ADV7173 supports PAL (B, D, G, H, I, N, M) and NTSC
(with and without pedestal) standards. The Y data is then
manipulated by being scaled for contrast control and a setup
level is added for brightness control. The Cr, Cb data is also
scaled and saturation control is added. The appropriate Sync,
Blank and Burst levels are then added to the YCrCb data. Mac-
rovision AntiTaping (ADV7172 only), Closed-Captioning and
Teletext levels are also added to Y, and the resultant data is
interpolated to a rate of 27 MHz. The interpolated data is fil-
tered and scaled by three digital FIR Filters.
The U and V Signals are modulated by the appropriate sub-
carrier sine/cosine phases and a phase offset may be added onto
the color subcarrier during active video to allow hue adjustment.
The resulting U and V signals are then added together to make
up the chrominance signal. The luma (Y) signal can be delayed
1–3 luma cycles (each cycle is 74 ns) with respect to the chroma
signal. The luma and chroma signals are then added together to
make up the composite video signal. All edges are slew rate limited.
The YCrCb data is also used to generate RGB data with appro-
priate Sync and Blank levels.
There are six DACs on the ADV7172/ADV7173. Three of these
DACs are capable of providing 34.66 mA of current. The other
three DACs provide 8.66 mA each.
The six l0-bit DACs can be used to output:
1. Composite Video + RGB Video + LUMA + CHROMA.
2. Composite Video + YUV Video + LUMA + CHROMA.
Alternatively, each DAC can be individually powered off if not
required. A complete description of DAC output configurations
is given in Appendix 8.
Video output levels are illustrated in Appendix 6.


Numéro de pièce similaire - ADV7172_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7172KST AD-ADV7172KST Datasheet
455Kb / 59P
   Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
REV. A
ADV7172KST AD-ADV7172KST Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
More results

Description similaire - ADV7172_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7173 AD-ADV7173_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com