Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MUR1540 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce MUR1540
Description  15A, 400V - 600V Ultrafast Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

MUR1540 Fiches technique(HTML) 1 Page - Intersil Corporation

  MUR1540 Datasheet HTML 1Page - Intersil Corporation MUR1540 Datasheet HTML 2Page - Intersil Corporation MUR1540 Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
File Number
2778.4
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
MUR1540, MUR1560, RURP1540, RURP1560
15A, 400V - 600V Ultrafast Diodes
The MUR1540, MUR1560, RURP1540, and RURP1560 are
ultrafast diodes (trr < 55ns) with soft recovery
characteristics. They have a low forward voltage drop and
are of planar, silicon nitride passivated, ion-implanted,
epitaxial construction.
These devices are intended for use as energy
steering/clamping diodes and rectifiers in a variety of
switching power supplies and other power switching
applications. Their low stored charge and ultrafast recovery
with soft recovery characteristics minimizes ringing and
electrical noise in many power switching circuits, thus
reducing power loss in the switching transistor.
Formerly developmental type TA09905.
Symbol
Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . <55ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC
• Reverse Voltage Up to . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supply
• Power Switching Circuits
• General Purpose
Packaging
JEDEC TO-220AC
Ordering Information
PART NUMBER
PACKAGE
BRAND
MUR1540
TO-220AC
MUR1540
RURP1540
TO-220AC
RURP1540
MUR1560
TO-220AC
MUR1560
RURP1560
TO-220AC
RURP1560
NOTE: When ordering, use the entire part number
K
A
CATHODE
(FLANGE)
CATHODE
ANODE
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
MUR1540
RURP1540
MUR1560
RURP1560
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
400
600
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
400
600
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
400
600
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
(TC = 145
oC)
15
15
A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
(Square Wave 20kHz)
30
30
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
(Halfwave 1 Phase 60Hz)
200
200
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
100
100
W
Avalanche Energy (See Figures 7 and 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
20
20
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-55 to 175
-55 to 175
oC
Data Sheet
January 2000


Numéro de pièce similaire - MUR1540

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MUR1540 MOTOROLA-MUR1540 Datasheet
143Kb / 6P
   ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
logo
Digitron Semiconductors
MUR1540 DIGITRON-MUR1540 Datasheet
459Kb / 5P
   15A SCHOTTKY RECTIFIER
logo
ON Semiconductor
MUR1540 ONSEMI-MUR1540 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
logo
New Jersey Semi-Conduct...
MUR1540 NJSEMI-MUR1540 Datasheet
71Kb / 2P
   Ultrafast Recovery Rectifier
logo
Fairchild Semiconductor
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
   15A, 400V - 600V Ultrafast Diodes
More results

Description similaire - MUR1540

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
   15A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
   15A, 400V - 600V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
   15A, 400V - 600V Ultrafast Dual Diodes
RURP1560 FAIRCHILD-RURP1560_04 Datasheet
76Kb / 4P
   15A, 400V - 600V Ultrafast Diode
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Diodes
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
   8A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
RURD840 INTERSIL-RURD840 Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com